Electronic Components Datasheet Search |
|
NMR119C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
NMR119C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 5 page NMR Series Isolated 1W Single Output DC/DC Converters KDC_NMR.D02 Page 3 of 5 www.murata-ps.com/support APPLICATION NOTES Minimum load The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in an increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%. Capacitive loading and start up Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product series will start into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF. Ripple & Noise Characterisation Method Ripple and noise measurements are performed with the following test configuration. C1 1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter C2 10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less than 100mΩ at 100 kHz C3 100nF multilayer ceramic capacitor, general purpose R1 450Ω resistor, carbon film, ±1% tolerance R2 50Ω BNC termination T1 3T of the coax cable through a ferrite toroid RLOAD Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires Measured values are multiplied by 10 to obtain the specified values. Differential Mode Noise Test Schematic OSCILLOSCOPE Y INPUT SUPPLY C1 C2 C3 R1 T1 R2 Input Output DC/DC Converter R LOAD + + - - Typical Start-Up Wave Form Start-up time Start-up time μs μs NMR100C 2301 NMR112C 744 NMR101C 5570 NMR113C 1908 NMR102C 8289 NMR114C 6620 NMR106C 783 NMR118C 671 NMR107C 4770 NMR119C 5335 NMR108C 4850 NMR120C 6370 |
Similar Part No. - NMR119C |
|
Similar Description - NMR119C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |