Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMR100C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NMR100C
Description  Isolated 1W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMR100C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NMR100C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMR100C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMR100C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMR100C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMR100C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NMR Series
Isolated 1W Single Output DC/DC Converters
KDC_NMR.D02 Page 1 of 5
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order
Code
Nominal
Input
Voltage
Output
Voltage
Output
Current
Input
Current at
Rated Load
Load
Regulation
Ripple &
Noise3
Efficiency
Isolation
Capacitance
MTTF1
V
V
mA
mA
Typ.
Max. Typ. Max.
%
pF
kHrs
NMR100C
5
5
200
290
12.5
13.4
6
10
69
28
1847
NMR101C
5
12
83
260
6.90
7.70
4.6
10
77
33
981
NMR102C
5
15
67
253
6.50
7.50
4.3
10
79
40
667
NMR106C
12
5
200
121
12.5
13.4
5.3
10
69
36
1485
NMR107C
12
12
83
110
6.90
7.70
5
10
76
58
869
NMR108C
12
15
67
110
6.50
7.50
4
10
76
56
613
NMR112C
15
5
200
93
8.1
10
14
20
69
27
2110
NMR113C
15
12
83
85
3.3
4
12
15
77
58
1790
NMR114C
15
15
67
84
2.8
3.5
14
20
78
67
1560
NMR118C
24
5
200
60
6.80
10
8
15
70
61
1253
NMR119C
24
12
83
53
2.80
4.0
7
15
78
98
784
NMR120C
24
15
67
52
2.50
3.50
8
15
80
122
566
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Continuous operation, 24V input types
21.6
24
26.4
Reflected ripple current
5V & 12V input types
1.6
2
mA p-p
15V & 24V input types
5
10
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power2
TA=-40°C to 85°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1000VDC
10
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
550mW
Input voltage VIN, NMR100C, NMR101C, NMR102C
7V
Input voltage VIN, NMR106C, NMR107C, NMR108C
15V
Input voltage VIN, NMR112C, NMR113C, NMR114C
18V
Input voltage VIN, NMR118C, NMR119C, NMR120C
28V
1. Calculated using MIL-HDBK-217FN2 with nominal input voltage at full load.
2. See derating graph.
3. See ripple & noise characterisation method.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
1kVDC isolation
Efficiency up to 80%
Wide temperature performance at full
1 watt load, –40°C to 85°C
Power density up to 0.90W/cm3
UL 94V-0 package material
Footprint from 1.17cm2
Industry standard pinout
5V, 12V, 15V & 24V input
5V, 12V & 15V output
No heatsink required
Internal SMD construction
Fully encapsulated with toroidal magnetics
Custom solutions available
No electrolytic or tantalum capacitors
DESCRIPTION
The NMR series of industrial temperature range
DC/DC converters are the standard building blocks
for on-board distributed power systems. They are
ideally suited for providing single rail supplies on
primarily digital boards with the added benefit of
galvanic isolation to reduce switching noise. Sur-
face mount technology and advanced packaging
materials produce rugged reliable performance
over an extended temperature range from -40ºC
to 85ºC.


Similar Part No. - NMR100C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMR100C MURATA-PS-NMR100C Datasheet
255Kb / 10P
   Isolated 1W Single Output DC/DC Converters
NMR100C MURATA-PS-NMR100C Datasheet
245Kb / 12P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - NMR100C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com