Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6416L-8KI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61LV6416L-8KI
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV6416L-8KI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61LV6416L-8KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV6416L-8KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IS61LV6416
IS61LV6416L
Integrated Silicon Solution, Inc.
5
Rev. I
11/22/05
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
8
10
12
ns
tAA
Address Access Time
8
10
12
ns
tOHA
Output Hold Time
3
3
3
ns
tACE
CE Access Time
8
10
12
ns
tDOE
OE Access Time
5
5
6
ns
tHZOE(2)
OE to High-Z Output
5
5
6
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
ns
tHZCE(2
CE to High-Z Output
0
4
0
5
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
3
ns
tBA
LB, UB Access Time
6
6
6
ns
tHZB
LB, UB to High-Z Output
0
4
0
5
0
6
ns
tLZB
LB, UB to Low-Z Output
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
319
Ω
30 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V
319
Ω
5 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V


Similar Part No. - IS61LV6416L-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10K ICSI-IS61LV6416-10K Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6416L-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com