Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU13NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STU13NM60N
Description  N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STU13NM60N Datasheet HTML 3Page - STMicroelectronics STU13NM60N Datasheet HTML 4Page - STMicroelectronics STU13NM60N Datasheet HTML 5Page - STMicroelectronics STU13NM60N Datasheet HTML 6Page - STMicroelectronics STU13NM60N Datasheet HTML 7Page - STMicroelectronics STU13NM60N Datasheet HTML 8Page - STMicroelectronics STU13NM60N Datasheet HTML 9Page - STMicroelectronics STU13NM60N Datasheet HTML 10Page - STMicroelectronics STU13NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STF/I/P/U/W13NM60N
Electrical characteristics
Doc ID 15420 Rev 5
7/21
Figure 8.
Safe operating area for IPAK
Figure 9.
Thermal impedance for IPAK
Figure 10.
Output characteristics
Figure 11.
Transfer characteristics
Figure 12.
Normalized VDS vs temperature
Figure 13.
Static drain-source on-resistance
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
ID=1mA
1.08
1.10
AM09028v1
RDS(on)
0.26
0.24
0.22
0.2
0
4
ID(A)
(
Ω)
2
6
0.28
0.30
VGS=10V
8
10
AM03302v1


Similar Part No. - STU13NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STU13NM60N ISC-STU13NM60N Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STU13NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com