Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP13NM60N Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP13NM60N
Description  N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13NM60N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP13NM60N Datasheet HTML 7Page - STMicroelectronics STP13NM60N Datasheet HTML 8Page - STMicroelectronics STP13NM60N Datasheet HTML 9Page - STMicroelectronics STP13NM60N Datasheet HTML 10Page - STMicroelectronics STP13NM60N Datasheet HTML 11Page - STMicroelectronics STP13NM60N Datasheet HTML 12Page - STMicroelectronics STP13NM60N Datasheet HTML 13Page - STMicroelectronics STP13NM60N Datasheet HTML 14Page - STMicroelectronics STP13NM60N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STF/I/P/U/W13NM60N
Package mechanical data
Doc ID 15420 Rev 5
11/21
Table 9.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E
0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2


Similar Part No. - STP13NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP13NM60N ISC-STP13NM60N Datasheet
318Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP13NM60ND STMICROELECTRONICS-STP13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
logo
Inchange Semiconductor ...
STP13NM60ND ISC-STP13NM60ND Datasheet
327Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STP13NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com