Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW26NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW26NM60N
Description  N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STW26NM60N Datasheet HTML 1Page - STMicroelectronics STW26NM60N Datasheet HTML 2Page - STMicroelectronics STW26NM60N Datasheet HTML 3Page - STMicroelectronics STW26NM60N Datasheet HTML 4Page - STMicroelectronics STW26NM60N Datasheet HTML 5Page - STMicroelectronics STW26NM60N Datasheet HTML 6Page - STMicroelectronics STW26NM60N Datasheet HTML 7Page - STMicroelectronics STW26NM60N Datasheet HTML 8Page - STMicroelectronics STW26NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STB26NM60N, STF26NM60, STI26NM60N, STP26NM60N, STW26NM60N Electrical characteristics
Doc ID 15642 Rev 5
5/23
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
VDS = 600 V, TC = 125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
±0.1
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 10 A
0.135 0.165
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-
1800
115
1.1
-
pF
pF
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
310
-
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 20 A,
VGS = 10 V,
(see Figure 19)
-
60
8.5
30
-
nC
nC
nC
Rg
Gate input resistance
f=1 MHz Gate DC Bias=0
Test signal level = 20 mV
open drain
-2.8
-
Ω
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 300 V, ID = 10 A
RG =4.7 Ω VGS = 10 V
(see Figure 18)
-
13
25
85
50
-
ns
ns
ns
ns


Similar Part No. - STW26NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW26NM60N ISC-STW26NM60N Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
   N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
October 2009
STW26NM60ND STMICROELECTRONICS-STW26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
logo
Inchange Semiconductor ...
STW26NM60ND ISC-STW26NM60ND Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
   N-channel 600 V, 0.135 ?? 20 A MDmesh??II Power MOSFET in TO-220FP
January 2010 Rev 1
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com