Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE30A Datasheet(PDF) 3 Page - STMicroelectronics

Part # P6KE30A
Description  transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE30A Datasheet(HTML) 3 Page - STMicroelectronics

  P6KE30A Datasheet HTML 1Page - STMicroelectronics P6KE30A Datasheet HTML 2Page - STMicroelectronics P6KE30A Datasheet HTML 3Page - STMicroelectronics P6KE30A Datasheet HTML 4Page - STMicroelectronics P6KE30A Datasheet HTML 5Page - STMicroelectronics P6KE30A Datasheet HTML 6Page - STMicroelectronics P6KE30A Datasheet HTML 7Page - STMicroelectronics P6KE30A Datasheet HTML 8Page - STMicroelectronics P6KE30A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
P6KE
Characteristics
Doc ID 3068 Rev 7
3/9
Table 3.
Electrical characteristics - values (Tamb = 25 °C)
Order code
IRM @ VRM
(1)
VBR @ IR
(2)
VCL @ IPP
10/1000 µs
VCL @ IPP
8/20µs
αT(3)
C(4)
max
min nom max
max
max
max
typ
Unidirectional Bidirectional
µA
V
V
V
V
mA
V
A
V
A
10-4/ °C
pF
P6KE6V8A
P6KE6V8CA
10
5.8
6.45
6.8
7.14
10
10.5
57
13.4
298
5.7
4000
P6KE7V5A
P6KE7V5CA
10
6.4
7.13
7.5
7.88
10
11.3
53
14.5
276
6.1
3700
P6KE10A
P6KE10CA
1
8.55
9.5
10
10.5
1
14.5
41
18.6
215
7.5
2800
P6KE12A
P6KE12CA
0.5
10
11.4
12
12.6
1
16.7
36
21.7
184
7.8
2300
P6KE15A
P6KE15CA
0.5
13
14.3
15
15.8
1
21.2
28
27.2
147
8.4
1900
P6KE18A
P6KE18CA
0.5
15
17.1
18
18.9
1
25.2
24
32.5
123
8.8
1600
P6KE22A
P6KE22CA
0.5
19
20.9
22
23.1
1
30.6
20
39.3
102
9.2
1350
P6KE24A
P6KE24CA
0.5
20
22.8
24
25.2
1
33.2
18
42.8
93
9.4
1250
P6KE27A
P6KE27CA
0.5
23
25.7
27
28.4
1
37.5
16
48.3
83
9.6
1150
P6KE30A
P6KE30CA
0.5
26
28.5
30
31.5
1
41.5
14.5
53.5
75
9.7
1075
P6KE33A
P6KE33CA
0.5
28
31.4
33
34.7
1
45.7
13.1
59
68
9.8
1000
P6KE36A
P6KE36CA
0.5
31
34.2
36
37.8
1
49.9
12
64.3
62
9.9
950
P6KE39A
P6KE39CA
0.5
33
37.1
39
41.0
1
53.9
11.1
69.7
57
10.0
900
P6KE47A
P6KE47CA
0.5
40
44.7
47
49.4
1
64.8
9.3
84
48
10.1
800
P6KE56A
P6KE56CA
0.5
48
53.2
56
58.8
1
77
7.8
100
40
10.3
700
P6KE68A
P6KE68CA
0.5
58
64.6
68
71.4
1
92
6.5
121
33
10.4
625
P6KE82A
P6KE82CA
0.5
70
77.9
82
86.1
1
113
5.3
146
27
10.5
550
P6KE100A
P6KE100CA
0.5
85
95.0
100
105
1
137
4.4
178
22.5
10.6
500
P6KE120A
P6KE120CA
0.5
102
114
120
126
1
165
3.6
212
19
10.7
450
P6KE150A
P6KE150CA
0.5
128
143
150
158
1
207
2.9
265
15
10.8
400
P6KE180A
P6KE180CA
0.5
154
171
180
189
1
246
2.4
317
12.6
10.8
360
P6KE200A
P6KE200CA
0.5
171
190
200
210
1
274
2.2
353
11.3
10.8
350
P6KE220A
P6KE220CA
0.5
188
209
220
231
1
328
1.85
388
10.3
10.8
330
P6KE250A
P6KE250CA
0.5
213
237
250
263
1
344
1.75
442
9
11
310
P6KE300A
P6KE300CA
0.5
256
285
300
315
1
414
1.45
529
7.6
11
290
P6KE350A
P6KE350CA
0.5
299
332
350
368
1
482
1.25
618
6.5
11
270
P6KE400A
P6KE400CA
0.5
342
380
400
420
1
548
1.1
706
5.7
11
360
P6KE440A
P6KE440CA
0.5
376
418
440
462
1
603
1.0
776
5.2
11
350
1.
For bidirectional types having VRM ≤ 10V, IRM is multiplied by 2
2.
Pulse test: tp < 50 ms.
3.
ΔVBR = αT * (Tamb - 25) * VBR(25°C).
4.
VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value is divided by 2.


Similar Part No. - P6KE30A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE30A MOTOROLA-P6KE30A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE30A VISHAY-P6KE30A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
DONGGUAN YOU FENG WEI E...
P6KE30A YFWDIODE-P6KE30A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
DAESAN ELECTRONIC CORP.
P6KE30A DAESAN-P6KE30A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE30A ETC2-P6KE30A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P6KE30A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com