Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMBA-910 Datasheet(PDF) 1 Page - AAEON Technology

Part # IMBA-910
Description  Intel짰 Core??2 Duo Processor, FSB 533/800/1066 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBA-910 Datasheet(HTML) 1 Page - AAEON Technology

  IMBA-910 Datasheet HTML 1Page - AAEON Technology IMBA-910 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
09-41
09
Features
Specifications
COM
VGA
Intel® Core™ 2 Duo Processor, FSB 533/800/1066 MHz
Intel® Q965
DDR2 533/667/800 Memory (Up To 8 GB)
10/100Base-TX & Gigabit Ethernet x 2 (Optional)
Integrated Intel® Enhanced Graphics Core, VGA Support
CompactFlash™ Type 2 x 1, SATA 3.0Gb/s x 4 (RAID Optional)
USB2.0 x 8, COM x 2, Parallel x 1, IrDA x 1
PCI-Express [x16] x 1, PCI-Express [x4] x 1, PCI x 3
Industrial Motherboard With Intel® Core™ 2 Duo Processor
System
Form Factor
ATX Motherboard
Processor
Intel® Core™ 2 Duo Processor, Pentium® 4 Processor,
FSB: 533/800/1066 MHz
System Memory
240-pin 1.8V DDR2 DIMM Socket x 4, up to 8 GB
DDR2 533/667/800 MHz Dual-channel Support
Chipset
Intel® Q965 + ICH8R
Ethernet
10/100Base-TX & 10/100/1000Base-TX, RJ-45 x 2 (optional)
LAN1: Intel® 82566/ 82562
LAN2: Intel® 82573L
BIOS
Award Plug & Play SPI BIOS – 16 Mb ROM
H/W Status Monitoring
CPU Fan Speed, temperature, Power Supply Voltage
Expansion Interface
PCI-E [x16] x 1, PCI-E [x4] x 1, 32 bit/ 33 MHz PCI x 3
Watchdog Timer
1 ~ 255 steps, can be set with software on Super I/O
RTC
Internal RTC
Battery
Lithium battery
Power Requirement
ATX Standard 24-pin connector x 1
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Board Size (L x W)
12” x 9.6” (304.8mm x 243.8mm)
Gross Weight
0.66 lb (0.3 Kg)
MTBF (Hours)
55,000
Display
VGA Controller
Enhanced Intel® Q965 Integrated Graphics 3000
Memory
Shared memory 224 MB
Resolutions
2048 x 1536 for CRT
I/O
Winbond 83627
Storage
SATA 3.0Gb/s x 4 (RAID optional) / IDE x 1 (SATA to IDE)
CompactFlash™ Type 2 Connector ( SATA to CompactFlash™) x 1
Standard FDD x 1, supports up to two floppy devices
Serial Port
COM x 2: (Internal Pin Header x 1, External D-sub x 1)
COM 1: RS-232; COM 2: RS-232/422/485
Parallel Port
Supports SPP/ EPP/ ECP modes
Universal Serial Bus
USB2.0 x 8, 5 x 2 pin-header for internal x 4
TYPE-A connector onboard x 4
PS/2 Port
Keyboard x 1; Mouse x 1
Digital I/O
4 in and 4 out
Audio (Daughter Board)
Audio pin header (PER-U01H audio board optional, A1.1 only)
IrDA
IrDA Tx/Rx header x 1
1701340704
Floppy Cable
1701400453
IDE Cable
1709100204
USB Cable
1701100405
COM Port Cable
1709070800
SATA Cable
M209100000
I/O Shield
Product CD
IMBA-910
Packing List
IMBA-910
DDR2 800 MHz up to 8 GB
Floppy
ATX
CompactFlash™
IDE
SATA 3.0Gb/s
x 4
PCI x 3
PCI-Express
[x4] x 1
PCI-Express [x16] x 1
LAN x 2
USB x 4
Parallel x 1
Keyboard/
Mouse
Intel® Socket
LGA775
Support Intel®
Core™ 2 Duo
CPU


Similar Part No. - IMBA-910

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-967 AAEON-IMBA-967 Datasheet
625Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1155 (4C/ 2C 32nm) Processor With Graphic & Memory Controller
More results

Similar Description - IMBA-910

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-880 AAEON-IMBA-880 Datasheet
405Kb / 2P
   Intel짰 Core??2 Duo/ Pentium짰 4/ Celeron짰 D LGA775 Processor (533/800/1066 MHz FSB)
logo
List of Unclassifed Man...
ET900 ETC2-ET900 Datasheet
1Mb / 1P
   Supports Intel짰 Core?? Duo processors, 533/667MHz FSB
logo
Advantech Co., Ltd.
PCA-6194 ADVANTECH-PCA-6194 Datasheet
347Kb / 2P
   LGA775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor Card with IPMI/VGA/Dual GbE LAN (FSB 1066/800 MHz)
logo
AAEON Technology
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
logo
Advantech Co., Ltd.
PPC-177T ADVANTECH-PPC-177T Datasheet
232Kb / 2P
   17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-125T ADVANTECH-PPC-125T Datasheet
286Kb / 2P
   12 Panel PC with Intel짰 Core??2 Duo Processor
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
logo
AAEON Technology
COM-965W1 AAEON-COM-965W1 Datasheet
368Kb / 1P
   Onboard Intel짰 Core??2 Duo L7500 (1.6 GHz) Processor
RTC-840 AAEON-RTC-840 Datasheet
495Kb / 2P
   Intel짰 Core??Duo U2500 1.2 GHz Processor
logo
Advantech Co., Ltd.
DPX-S410 ADVANTECH-DPX-S410 Datasheet
1Mb / 2P
   Intel짰 Core 2 Duo??Gaming Platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com