Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS3402 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS3402
Description  Dual Nano-power Open Drain Output Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS3402 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS3402 Datasheet HTML 1Page - ON Semiconductor NCS3402 Datasheet HTML 2Page - ON Semiconductor NCS3402 Datasheet HTML 3Page - ON Semiconductor NCS3402 Datasheet HTML 4Page - ON Semiconductor NCS3402 Datasheet HTML 5Page - ON Semiconductor NCS3402 Datasheet HTML 6Page - ON Semiconductor NCS3402 Datasheet HTML 7Page - ON Semiconductor NCS3402 Datasheet HTML 8Page - ON Semiconductor NCS3402 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCS3402
http://onsemi.com
3
DC PERFORMANCE ELECTRICAL CHARACTERISTICS AT SPECIFIED OPERATING FREE−AIR TEMPERATURE,
VS = 2.7 V, 5 V, 15 V (unless otherwise noted)
Parameter
Symbol
Testing Conditions
TA
Min
Typ
Max
Unit
Input offset voltage
VIO
VCM = VS/2, RS = 50 W, RP = 1 MW
25°C
250
3600
mV
Full
range
4400
Offset voltage drift
DVIO
25°C
3
mV/°C
Common−mode rejection
ratio
CMRR
VCM = 0 to 2.7 V, RS = 50 W
25°C
55
72
dB
Full
range
50
VCM = 0 to 5 V, RS = 50 W
25°C
60
76
Full
range
55
VCM = 0 to 15 V, RS = 50 W
25°C
65
88
Full
range
60
Large−signal differential
voltage amplification
AVD
RP = 1 MW
25°C
1000
V/mV
INPUT/OUTPUT CHARACTERISTICS SPECIFIED OPERATING FREE−AIR TEMPERATURE,
VS = 2.7 V, 5 V, 15 V (unless otherwise noted)
Input offset current
(Note 4)
IIO
VCM = VS/2, RP = 1 MW, RS = 50 W
25°C
20
100
pA
Full
range
1000
Input bias current
(Note 4)
IIB
25°C
80
250
pA
Full
range
3000
Differential input
resistance
RID
Vin = VS/2
25°C
300
MW
High−impedance output
leakage current
IOZ
VCM = VS/2, VO = VCC, VID = 1 V
25°C
50
pA
Low−level output voltage
VOL
VCM = VS/2, IOL = 2 mA, VID = −1 V
25°C
8
mV
VCM = VS/2, IOL = 50 mA, VID = −1 V
25°C
80
200
Full
range
300
POWER SUPPLY SPECIFIED OPERATING FREE−AIR TEMPERATURE, VCC = 2.7 V, 5 V, 15 V (unless otherwise noted)
Supply current (per
channel)
ICC
RP = No pullup
Output state low
25°C
470
550
nA
Full
range
750
Output state high
25°C
560
640
Full
range
950
Power supply rejection
ratio
PSRR
VCM = VS/2, No
load
VCC = 2.7 V to 5 V
25°C
75
100
dB
Full
range
70
VCC = 5 V to 15 V
25°C
85
105
Full
range
80
4. Guaranteed by design or characterization.


Similar Part No. - NCS3402

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
NCS3 MURATA-PS-NCS3 Datasheet
374Kb / 12P
   Isolated 3W 4:1 Input Single Output DC-DC Converters
2022
logo
Mini-Circuits
NCS3-272 MINI-NCS3-272 Datasheet
265Kb / 1P
   RF Transformer
NCS3-272++ MINI-NCS3-272+ Datasheet
265Kb / 1P
   RF Transformer
NCS3-272++ MINI-NCS3-272+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
More results

Similar Description - NCS3402

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
   1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
   1.8V Low-Power Open-Drain Output Comparator
2011
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
   1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
Renesas Technology Corp
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com