Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ14SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVQ14SC
Description  Low Voltage Hex Inverter with Schmitt Trigger Input
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ14SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVQ14SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ14SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ14SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ14SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ14SC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed for 74LVQ.
Note 6: Worst case package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND.
Note 8: Max number of Data Inputs (n) switching. (n
− 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (V
ILD), 0V to threshold
(VIHD), f = 1 MHz.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
(ICC or IGND)
±200 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±100 mA
Supply Voltage (VCC)
LVQ
2.0V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 3.0V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VOH
Minimum High Level
3.0
2.99
2.9
2.9
V
IOUT = −50 µA
Output Voltage
3.0
2.58
2.48
V
VIN = VIL or VIH (Note 3)
IOH = −12 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
V
IOUT = 50 µA
Output Voltage
3.0
0.36
0.44
V
VIN = VIL or VIH (Note 3)
IOL = 12 mA
IIN
Maximum Input Leakage Current
3.6
±0.1
±1.0
µAV
I = VCC, GND
Vt+
Maximum Positive Threshold
3.0
2.2
2.2
V
TA = Worst Case
Vt−
Minimum Negative Threshold
3.0
0.5
0.5
V
TA = Worst Case
Vh(max)
Maximum Hysteresis
3.0
1.2
1.2
V
TA = Worst Case
Vh(min)
Minimum Hysteresis
3.0
0.3
0.3
V
TA = Worst Case
IOLD
Minimum Dynamic
3.6
36
mA
VOLD = 0.8V Max (Note 5)
IOHD
Output Current (Note 4)
3.6
−25
mA
VOHD = 2.0V Min (Note 5)
ICC
Maximum Quiescent
3.6
2.0
20.0
µAV
IN = VCC or GND
Supply Current
VOLP
Quiet Output
3.3
0.9
1.1
V
(Note 6)(Note 7)
Maximum Dynamic VOL
VOLV
Quiet Output
3.3
−0.8
−1.1
V
(Note 6)(Note 7)
Minimum Dynamic VOL
VIHD
Maximum High Level
3.3
1.9
2.0
V
(Note 6)(Note 8)
Dynamic Input Voltage
VILD
Maximum Low Level
3.3
1.3
2.0
V
(Note 6)(Note 8)
Dynamic Input Voltage


Similar Part No. - 74LVQ14SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ14 STMICROELECTRONICS-74LVQ14 Datasheet
56Kb / 8P
   HEX SCHMITT INVERTER
February 1999
74LVQ14 STMICROELECTRONICS-74LVQ14 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER
74LVQ14M STMICROELECTRONICS-74LVQ14M Datasheet
56Kb / 8P
   HEX SCHMITT INVERTER
February 1999
74LVQ14MTR STMICROELECTRONICS-74LVQ14MTR Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER
74LVQ14T STMICROELECTRONICS-74LVQ14T Datasheet
56Kb / 8P
   HEX SCHMITT INVERTER
February 1999
More results

Similar Description - 74LVQ14SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX14 FAIRCHILD-74LVX14 Datasheet
68Kb / 7P
   Low Voltage Hex Inverter with Schmitt Trigger Input
74LVX14 FAIRCHILD-74LVX14_08 Datasheet
302Kb / 9P
   74LVX14 Low Voltage Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com