Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801-4-F4 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS2801-4-F4
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2801-4-F4 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS2801-4-F4 Datasheet HTML 4Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 5Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 6Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 7Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 8Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 9Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 10Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 11Page - California Eastern Labs PS2801-4-F4 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet PN10251EJ04V0DS
8
PS2801-1,PS2801-4
FREQUENCY RESPONSE
Frequency f (kHz)
–10
–20
–15
0
–5
0.5
2
10 20
500
15
50 100 200
IF = 5 mA,
VCE = 5 V
RL = 1 k
100
300
TYP.
IF = 5 mA
TA = 25
°C
IF = 20 mA
TA = 25
°C
IF = 5 mA
TA = 60
°C
LONG TERM CTR DEGRADATION
Time (Hr)
0.6
1.2
0.0
1.0
0.8
0.2
0.4
10
2
10
3
10
4
10
5
10
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
–50
0
100
–25
25
50
75
0.0
0.6
1.2
0.2
0.4
1.0
0.8
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
tf
ts
tr
td
VCC = 5 V,
IC = 2 mA,
CTR = 236%
0.01
0.05 0.1
0.5
15
10
0.1
100
50
10
5
1
0.5
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 5 mA,
CTR = 236%
0.1
1
10
100
1
0.1
10
100
1 000
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
tf
ts
tr
td
0.02
100
0.1
1.0
10
100
200
50
150
250
300
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCE = 5 V,
n = 3
Sample A
B
C
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2801-4-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2801-4-F4 NEC-PS2801-4-F4 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801-4-F4 CEL-PS2801-4-F4 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results

Similar Description - PS2801-4-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-P-A RENESAS-PS2801C-1-P-A Datasheet
538Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com