Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM055C105KAN120 Datasheet(PDF) 9 Page - AVX Corporation

Part # SM055C105KAN120
Description  Technical Information on SMPS Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM055C105KAN120 Datasheet(HTML) 9 Page - AVX Corporation

Back Button SM055C105KAN120 Datasheet HTML 5Page - AVX Corporation SM055C105KAN120 Datasheet HTML 6Page - AVX Corporation SM055C105KAN120 Datasheet HTML 7Page - AVX Corporation SM055C105KAN120 Datasheet HTML 8Page - AVX Corporation SM055C105KAN120 Datasheet HTML 9Page - AVX Corporation SM055C105KAN120 Datasheet HTML 10Page - AVX Corporation SM055C105KAN120 Datasheet HTML 11Page - AVX Corporation SM055C105KAN120 Datasheet HTML 12Page - AVX Corporation SM055C105KAN120 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
16
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles MIL-PRF-49470
MIL-PRF-49470
AVX PART NUMBER
Capacitance
Case
Lead
PIN 1/
(for reference only)
μF
Tolerance
Characteristic
Code
Configuration
2/
-49470X0-475-A-
SM-55C475-H-480
4.7
K, M
BX
5
N, L, M, J, K
-49470X0-475-A-
SM-45C475-H-240
4.7
K, M
BX
4
A, B, D, C, F
-49470X0-565-A-
SM-55C565-H-650
5.6
K, M
BX
5
N, L, M, J, K
-49470X0-565-A-
SM-45C565-H-240
5.6
K, M
BX
4
A, B, D, C, F
-49470X0-685-A-
SM-45C685-H-360
6.8
K, M
BX
4
N, L, M, J, K
-49470X0-825-A-
SM-45C825-H-360
8.2
K, M
BX
4
N, L, M, J, K
-49470X0-106-A-
SM-45C106-H-480
10
K, M
BX
4
N, L, M, J, K
-49470X0-126-A-
SM-45C126-H-480
12
K, M
BX
4
N, L, M, J, K
-49470X0-156-A-
SM-45C156-H-650
15
K, M
BX
4
N, L, M, J, K
-49470X0-156-A-
SM-35C156-H-240
15
K, M
BX
3
A, B, D, C, F
-49470X0-186-A-
SM-35C186-H-240
18
K, M
BX
3
N, L, M, J, K
-49470X0-226-A-
SM-35C226-H-360
22
K, M
BX
3
N, L, M, J, K
-49470X0-276-A-
SM-35C276-H-360
27
K, M
BX
3
N, L, M, J, K
-49470X0-336-A-
SM-35C336-H-360
33
K, M
BX
3
N, L, M, J, K
-49470X0-396-A-
SM-35C396-H-480
39
K, M
BX
3
N, L, M, J, K
-49470X0-476-A-
SM-35C476-H-650
47
K, M
BX
3
N, L, M, J, K
-49470X0-476-A-
SM-25C476-H-240
47
K, M
BX
2
A, B, D, C, F
-49470X0-566-A-
SM-15C566-H-360
56
K, M
BX
1
N, L, M, J, K
-49470X0-566-A-
SM-25C566-H-240
56
K, M
BX
2
A, B, D, C, F
-49470X0-686-A-
SM-15C686-H-480
68
K, M
BX
1
N, L, M, J, K
-49470X0-686-A-
SM-25C686-H-360
68
K, M
BX
2
A, B, D, C, F
-49470X0-826-A-
SM-15C826-H-480
82
K, M
BX
1
N, L, M, J, K
-49470X0-826-A-
SM-25C826-H-360
82
K, M
BX
2
A, B, D, C, F
-49470X0-107-A-
SM-15C107-H-650
100
K, M
BX
1
N, L, M, J, K
-49470X0-107-A-
SM-25C107-H-480
100
K, M
BX
2
A, B, D, C, F
-49470X0-127-A-
SM-25C127-H-480
120
K, M
BX
2
N, L, M, J, K
-49470X0-157-A-
SM-25C157-H-650
150
K, M
BX
2
N, L, M, J, K
-49470X0-187-A-
SM-65C187-H-480
180
K, M
BX
6
N, L, M, J, K
-49470X0-227-A-
SM-65C227-H-480
220
K, M
BX
6
N, L, M, J, K
-49470X0-277-A-
SM-65C277-H-650
270
K, M
BX
6
N, L, M, J, K
100V
-49470X0-684-B-
SM-51C684-H-120
0.68
K, M
BX
5
N, L, M, J, K
-49470X0-824-B-
SM-51C824-H-240
0.82
K, M
BX
5
N, L, M, J, K
-49470X0-105-B-
SM-51C105-H-240
1
K, M
BX
5
N, L, M, J, K
-49470X0-125-B-
SM-51C125-H-240
1.2
K, M
BX
5
N, L, M, J, K
-49470X0-155-B-
SM-51C155-H-360
1.5
K, M
BX
5
N, L, M, J, K
-49470X0-185-B-
SM-51C185-H-360
1.8
K, M
BX
5
N, L, M, J, K
-49470X0-225-B-
SM-51C225-H-480
2.2
K, M
BX
5
N, L, M, J, K
-49470X0-225-B-
SM-41C225-H-240
2.2
K, M
BX
4
A, B, D, C, F
-49470X0-275-B-
SM-51C275-H-480
2.7
K, M
BX
5
N, L, M, J, K
-49470X0-335-B-
SM-51C335-H-650
3.3
K, M
BX
5
N, L, M, J, K
-49470X0-335-B-
SM-41C335-H-240
3.3
K, M
BX
4
A, B, D, C, F
-49470X0-395-B-
SM-41C395-H-360
3.9
K, M
BX
4
N, L, M, J, K
-49470X0-475-B-
SM-41C475-H-360
4.7
K, M
BX
4
N, L, M, J, K
-49470X0-565-B-
SM-41C565-H-480
5.6
K, M
BX
4
N, L, M, J, K
-49470X0-685-B-
SM-41C685-H-480
6.8
K, M
BX
4
N, L, M, J, K
-49470X0-825-B-
SM-41C825-H-650
8.2
K, M
BX
4
N, L, M, J, K
-49470X0-825-B-
SM-31C825-H-240
8.2
K, M
BX
3
A, B, D, C, F
-49470X0-106-B-
SM-31C106-H-240
10
K, M
BX
3
N, L, M, J, K
-49470X0-126-B-
SM-31C126-H-240
12
K, M
BX
3
N, L, M, J, K
-49470X0-156-B-
SM-31C156-H-360
15
K, M
BX
3
N, L, M, J, K
-49470X0-186-B-
SM-31C186-H-360
18
K, M
BX
3
N, L, M, J, K
-49470X0-226-B-
SM-31C226-H-480
22
K, M
BX
3
N, L, M, J, K
-49470X0-276-B-
SM-31C276-H-650
27
K, M
BX
3
N, L, M, J, K
-49470X0-276-B-
SM-21C276-H-240
27
K, M
BX
2
A, B, D, C, F
-49470X0-336-B-
SM-11C336-H-360
33
K, M
BX
1
N, L, M, J, K
-49470X0-336-B-
SM-21C336-H-240
33
K, M
BX
2
A, B, D, C, F
1/ Complete PIN shall include additional symbols replacing dashes (from left to right): product level (M for B level, or T for T level), part style (1 for unencapsulated, 2 for
encapsulated), capacitance tolerance, lead configuration
2/ Complete AVX Part Number (provided for reference only) shall include additional symbols replacing dashes (from left to right): part style (0 for unencapsulated and
9 for encapsulated), capacitance tolerance, lead configuration


Similar Part No. - SM055C105KAN120

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SM055C105KHN120 AVX-SM055C105KHN120 Datasheet
1Mb / 112P
   AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
More results

Similar Description - SM055C105KAN120

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SM91 AVX-SM91 Datasheet
80Kb / 3P
   SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
logo
Omron Electronics LLC
G3VM-6 OMRON-G3VM-6 Datasheet
183Kb / 6P
   Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com