Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ02SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVQ02SJ
Description  Low Voltage Quad 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ02SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVQ02SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ02SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ02SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ02SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ02SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ02SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
1.5
6.0
10.6
1.0
12.0
3.3 ±0.3
1.5
5.0
7.5
1.0
8.0
ns
tPHL
Propagation Delay
2.7
1.5
6.0
10.6
1.0
12.0
3.3 ±0.3
1.5
5.0
7.5
1.0
8.0
ns
tOSHL,
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
20
pF
VCC = 3.3V
Note 10: CPD is measured at 10 MHz.
3
www.fairchildsemi.com


Similar Part No. - 74LVQ02SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ02SJ FAIRCHILD-74LVQ02SJ Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
More results

Similar Description - 74LVQ02SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
logo
ON Semiconductor
74LVX02 ONSEMI-74LVX02 Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX02 FAIRCHILD-74LVX02 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com