Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8103 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MOC8103
Description  6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC8103 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC8103 Datasheet HTML 1Page - Motorola, Inc MOC8103 Datasheet HTML 2Page - Motorola, Inc MOC8103 Datasheet HTML 3Page - Motorola, Inc MOC8103 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
for Power Supply Applications
(No Base Connection)
The MOC8101, MOC8102, MOC8103, MOC8104 and MOC8105 devices
consist of a gallium arsenide LED optically coupled to a silicon phototransistor
in a dual–in–line package.
• Closely Matched Current Transfer Ratio (CTR) Minimizes Unit–to–Unit Variation
• Narrow (CTR) Windows that translate to a Narrow and Predictable Open Loop Gain
Window
• Very Low Coupled Capacitance along with No Chip to Pin 6 Base Connection for
Minimum Noise Susceptibility
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix “V” must be included at end of part number. VDE 0884 is a test option.
Applications
• Switchmode Power Supplies (Feedback Control)
• AC Line/Digital Logic Isolation
• Interfacing and coupling systems of different potentials and impedances
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Forward Current — Continuous
IF
60
mA
Forward Current — Peak (PW = 100
µs, 120 pps)
IF(pk)
1
A
Reverse Voltage
VR
6
Volts
LED Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT TRANSISTOR
Collector–Emitter Voltage
VCEO
30
Volts
Emitter–Collector Voltage
VECO
7
Volts
Collector Current — Continuous
IC
150
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Input–Output Isolation Voltage(1)
(f = 60 Hz, t = 1 sec.)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(2)
TA
– 55 to +100
°C
Storage Temperature Range(2)
Tstg
– 55 to +150
°C
Lead Soldering Temperature
(1/16
″ from case, 10 sec. duration)
TL
260
°C
1. Input–Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC8101/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
MOC8101
MOC8102
MOC8103
MOC8104
MOC8105
*Motorola Preferred Device
[CTR = 108–173%]
[CTR = 160–256%]
[CTR = 65–133%]
*
STANDARD THRU HOLE
CASE 730A–04
STYLE 3 PLASTIC
6
1
SCHEMATIC
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. NO CONNECTION
1
2
3
6
5
4
NC
NC
[CTR = 50–80%]
[CTR = 73–117%]
REV 1


Similar Part No. - MOC8103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8103 FAIRCHILD-MOC8103 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8103 FAIRCHILD-MOC8103 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
MOC8103 FAIRCHILD-MOC8103 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
logo
ISOCOM COMPONENTS
MOC8103 ISOCOM-MOC8103 Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC8103 FAIRCHILD-MOC8103 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
More results

Similar Description - MOC8103

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
   6-Pin DIP Optoisolators Transistor Output(No Base Connection)
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
   6-Pin DIP Optoisolator Darlington Output(No Base Connection)
logo
Fairchild Semiconductor
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com