Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # NE555D
Description  Precision timing circuits capable of producing accurate time delays or oscillation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555D Datasheet(HTML) 11 Page - Texas Instruments

Back Button NE555D Datasheet HTML 7Page - Texas Instruments NE555D Datasheet HTML 8Page - Texas Instruments NE555D Datasheet HTML 9Page - Texas Instruments NE555D Datasheet HTML 10Page - Texas Instruments NE555D Datasheet HTML 11Page - Texas Instruments NE555D Datasheet HTML 12Page - Texas Instruments NE555D Datasheet HTML 13Page - Texas Instruments NE555D Datasheet HTML 14Page - Texas Instruments NE555D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
t
H +
0.693 (R
A )
R
B)
C
t
L +
0.693 (R
B)
C
Other useful relationships are shown below.
period + tH ) tL + 0.693 (RA ) 2RB) C
frequency [
1.44
(R
A )
2R
B
) C
Output driver duty cycle +
t
L
t
H )
t
L
+
R
B
R
A )
2R
B
Output waveform duty cycle
+
t
L
t
H
+
R
B
R
A )
R
B
Low-to-high ratio
+
t
H
t
H )
t
L
+ 1–
R
B
R
A )
2R
B
C − Capacitance −
µF
100 k
10 k
1 k
100
10
1
100
10
1
0.1
0.01
0.1
0.001
RA + 2 RB = 10 MΩ
RA + 2 RB = 1 MΩ
RA + 2 RB = 100 kΩ
RA + 2 RB = 10 kΩ
RA + 2 RB = 1 kΩ
Time − 0.1 ms/div
VCC = 5 V
RA = 1 kΩ
C = 0.1
µF
See Figure 15
Capacitor Voltage
Output Voltage
Input Voltage
VCC (5 V to 15 V)
DISCH
OUT
VCC
RESET
RL
RA
A5T3644
C
THRES
GND
CONT
TRIG
Input
0.01
µF
Output
4
8
3
7
6
2
5
1
Pin numbers shown are shown for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
www.ti.com
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
Figure 12 shows typical waveforms generated during astable operation. The output high-level duration tH and
low-level duration tL can be calculated as follows:
Figure .
Figure 14. Free-Running Frequency
Missing-Pulse Detector
The circuit shown in Figure 15 can be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is retriggered continuously by
the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing, missing
pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an output pulse
as shown in Figure 16.
Figure 15. Circuit for Missing-Pulse Detector
Figure 16. Completed Timing Waveforms for
Missing-Pulse Detector
Copyright © 1973–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - NE555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555D PHILIPS-NE555D Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
logo
Fairchild Semiconductor
NE555D FAIRCHILD-NE555D Datasheet
150Kb / 14P
   Single Timer
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
NEC
NE555D NEC-NE555D Datasheet
26Kb / 1P
   PRECISION TIMERS
More results

Similar Description - NE555D

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
NE555 ESTEK-NE555 Datasheet
135Kb / 3P
   monolithic timing circuits capable of producing accurate time delays
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
logo
Linear Dimensions Semic...
LND555 LINEAR_DIMENSIONS-LND555 Datasheet
130Kb / 4P
   PRECISION TIMING CIRCUIT
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Analog Intergrations Co...
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com