Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW06-273 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZW06-273
Description  600 Watts Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW06-273 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZW06-273 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test
Stand-Off Reverse
Maximum
Current
Voltage
Leakage
Temperature
@ VWM
Coefficient
IT
VWM
ID
Vc
IPPM
Vc
IPPM
VBR
mA
V
uA
VAVA
%/℃
Unidirectional
Bidirectional
Min
Nom
Max
Max
Max
Max
(Note 2)
BZW06-13
BZW06-13B
14.3
15
15.8
1
12.8
5
21.2
28.0
27.2
147
0.084
BZW06-15
BZW06-15B
17.1
18
18.9
1
15.3
1
25.2
24.0
32.5
123
0.088
BZW06-19
BZW06-19B
20.9
22
23.1
1
18.8
1
30.6
19.6
39.3
102
0.092
BZW06-20
BZW06-20B
22.8
24
25.2
1
20.5
1
33.2
28.0
42.8
93
0.094
BZW06-23
BZW06-23B
25.7
27
28.4
1
23.1
1
37.5
16.0
48.3
83
0.096
BZW06-26
BZW06-26B
28.5
30
31.5
1
25.6
1
41.5
14.5
53.5
75
0.097
BZW06-28
BZW06-28B
31.4
33
34.7
1
28.2
1
45.7
13.1
59.0
68
0.098
BZW06-31
BZW06-31B
34.2
36
37.8
1
30.8
1
49.9
12.0
64.3
62
0.099
BZW06-33
BZW06-33B
37.1
39
47.0
1
33.3
1
53.9
11.1
69.7
57
0.100
BZW06-37
BZW06-37B
40.9
43
45.2
1
36.8
1
59.3
10.1
75.0
52
0.101
BZW06-40
BZW06-40B
44.7
47
49.4
1
40.2
1
64.8
9.3
84.0
48
0.101
BZW06-48
BZW06-48B
53.2
56
58.8
1
47.8
1
77.0
7.8
100
40
0.103
BZW06-58
BZW06-58B
64.6
68
71.4
1
58.1
1
92.0
6.5
121
33
0.104
BZW06-70
BZW06-70B
77.9
82
86.1
1
70.1
1
113
5.3
146
27
0.105
BZW06-85
BZW06-85B
95
100
105
1
85.5
1
137
4.4
178
23
0.106
BZW06-102
BZW06-102B
114
120
126
1
102
1
165
3.6
212
19
0.107
BZW06-128
BZW06-128B
143
150
158
1
128
1
207
2.9
265
15
0.108
BZW06-154
BZW06-154B
171
180
189
1
154
1
246
2.4
317
13
0.108
BZW06-171
BZW06-171B
190
200
210
1
171
1
274
2.2
353
11
0.108
BZW06-188
BZW06-188B
209
220
231
1
188
1
301
2.0
388
10.3
0.108
BZW06-213
BZW06-213B
237
250
263
1
213
1
344
2.0
442
9.0
0.110
BZW06-256
BZW06-256B
285
300
315
1
256
1
414
1.6
529
7.6
0.110
BZW06-273
BZW06-273B
304
320.0
336
1
273
1
438
1.6
564
7.1
0.110
BZW06-299
BZW06-299B
332
350.0
368
1
299
1
482
1.6
618
6.5
0.110
BZW06-342
BZW06-342B
380
400
420
1
342
1
548
1.3
706
5.7
0.110
BZW06-376
BZW06-376B
418
440
462
1
376
1
603
1.3
776
5.7
0.110
Notes:
1. Pulse test:tp<50ms
2. ΔVBR = αT*(Tamb - 25) * VBR(25℃)
3. VR=0V, F=1MHz, For bidirectional types, capacitance value is divided by 2.
Version:E13
Clamping Voltage
@IPPM
(8/20 us)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Breakdown
VBR
(Note 1)
Device
V
Voltage
Clamping Voltage
@IPPM
(10/1000 us)


Similar Part No. - BZW06-273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-273 STMICROELECTRONICS-BZW06-273 Datasheet
172Kb / 6P
   TRANSIL
BZW06-273 STMICROELECTRONICS-BZW06-273 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Diotec Semiconductor
BZW06-273 DIOTEC-BZW06-273 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06-273 NJSEMI-BZW06-273 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - BZW06-273

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_11 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8A YFWDIODE-P6KE6.8A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com