Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4755A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4755A
Description  1.0 Watt Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4755A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4755A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4755A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4755A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4755A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4755A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4755A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4755A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CREAT BY ART
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Typical IR less than 5uA above 11V
1N4740A
DO-41
3K / AMMO box
A0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
TJ, TSTG
Weight: 0.3 gram
Type Number
Operating and Storage Temperature Range
-55 to +150
Version:F12
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 2)
Note 2: Measure on 8.3ms Single half Sine-Wave of equivalent square wave, duty cycle= 4 pulse per minute maximum
1N4740A - 1M200Z
DO-41
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Features
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
1.0 Watt Glass Passivated Junction Silicon Zener Diodes
Mechanical Data
Expoxy: UL 94V-0 rate flame retardant
Ordering Information (example)
Part No.
Package
Packing
Case: Molded plastic DO-41
Peak Power Dissipation at TA=50℃,
Derate above 50℃ (Note 1)
PD
1.0
6.67
Value
Lead: Pure tin plated, lead free,
solderable per MIL-STD-202, method 2025
Mounting position: Any
Polarity: Color Band denotes cathode end
INNER
TAPE
Packing
code
Packing code
(Green)
52mm
A0G
Note 1: Mounted on Cu-Pad size 5mm x 5mm x 1.6mm on PCB
Watts
mW/℃
IFSM
10
Amps


Similar Part No. - 1N4755A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4755A SEMTECH_ELEC-1N4755A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
1N4755A VISHAY-1N4755A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4755A VISHAY-1N4755A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Fairchild Semiconductor
1N4755A FAIRCHILD-1N4755A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Microdiode Electronics ...
1N4755A CHENDA-1N4755A Datasheet
721Kb / 3P
   Low zener impedance
More results

Similar Description - 1N4755A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N4728A TEL-1N4728A Datasheet
162Kb / 3P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Continental Device Indi...
1N4728A CDIL-1N4728A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZA2.4A LRC-S-SZA2.4A Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com