Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXZ16240MEA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCXZ16240MEA
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ16240MEA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCXZ16240MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
© 2000 Fairchild Semiconductor Corporation
DS500257
www.fairchildsemi.com
February 2000
Revised February 2000
74LCXZ16240
Low Voltage 16-Bit Inverting Buffer/Line Driver with
5V Tolerant Inputs/Outputs (Preliminary)
General Description
The LCXZ16240 contains sixteen inverting buffers with 3-
STATE outputs designed to be employed as a memory and
address driver, clock driver, or bus-oriented transmitter/
receiver. The device is nibble controlled. Each nibble has
separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
When VCC is between 0 and 1.5V, the LCXZ16240 is in the
high impedance state during power up or power down. This
places the outputs in the high impedance (Z) state prevent-
ing intermittent low impedance loading or glitching in bus
oriented applications.
The LCXZ16240 is designed for low voltage (2.7V or 3.3V)
VCC applications with capacity of interfacing to a 5V signal
environment.
The LCXZ16240 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s Guaranteed power up/down high impedance
s Supports live insertion/withdrawal
s 2.7V–3.6V VCC specifications provided
s 4.5 ns tPD max (VCC = 3.3V), 20 µA ICC max
s
±24 mA output drive (V
CC = 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Logic Symbol
Pin Descriptions
Order Number
Package Number
Package Description
74LCXZ16240MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74LCXZ16240MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Inputs (Active LOW)
I0–I15
Inputs
O0–O15
Outputs


Similar Part No. - 74LCXZ16240MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ16244 FAIRCHILD-74LCXZ16244 Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCXZ16244 ONSEMI-74LCXZ16244 Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
logo
Fairchild Semiconductor
74LCXZ16244GX FAIRCHILD-74LCXZ16244GX Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCXZ16244GX ONSEMI-74LCXZ16244GX Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
logo
Fairchild Semiconductor
74LCXZ16244MEA FAIRCHILD-74LCXZ16244MEA Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCXZ16240MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
NXP Semiconductors
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCXZ16244 FAIRCHILD-74LCXZ16244 Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16244 NSC-54LCX16244 Datasheet
77Kb / 5P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com