Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXR162245MEX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCXR162245MEX
Description  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXR162245MEX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCXR162245MEX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500052
www.fairchildsemi.com
August 1998
Revised June 2005
Print form created on June 10, 2005 12:56 pm
74LCXR162245
Low Voltage 16-Bit Bidirectional Transceiver
with 5V Tolerant Inputs/Outputs
and 26
: Series Resistors in the Outputs
General Description
The LCXR162245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for bus
oriented applications. The device is designed for low volt-
age (2.5V or 3.3V) VCC applications with capability of inter-
facing to a 5V signal environment. The device is byte
controlled. Each byte has separate control inputs which
could be shorted together for full 16-bit operation. The T/R
inputs determine the direction of data flow through the
device. The OE inputs disable both the A and B ports by
placing them in a high impedance state.
In addition, all A and B outputs include equivalent 26
:
(nominal) series resistors to reduce overshoot and under-
shoot and are designed to sink/source up to 12 mA at
VCC 3.0V.
The LCXR162245 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s A and B side outputs have equivalent 26
: series
resistors
s 5.3 ns tPD max (VCC 3.3V), 20 PA ICC max
s Power down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s Flow through pinout
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
Note 1: To ensure the high-impedance state during power up or down OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “x” to the ordering code.
Logic Symbol
Pin Descriptions
Order Number
Package Number
Package Description
74LCXR162245MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[RAIL]
74LCXR162245MEX
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74LCXR162245MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[RAIL]
74LCXR162245MTX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]
Pin Names
Description
OEn
Output Enable Input
T/Rn
Transmit/Receive Input
A0–A15
Side A Inputs or 3-STATE Outputs
B0–B15
Side B Inputs or 3-STATE Outputs


Similar Part No. - 74LCXR162245MEX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXR162245MEX ONSEMI-74LCXR162245MEX Datasheet
202Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
More results

Similar Description - 74LCXR162245MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXP16245 FAIRCHILD-74LCXP16245 Datasheet
72Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXP16245 FAIRCHILD-74LCXP16245_05 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com