Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS0-303CEH-Q Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS0-303CEH-Q
Description  Radiation Hardened BiCMOS Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-303CEH-Q Datasheet(HTML) 5 Page - Intersil Corporation

  HS0-303CEH-Q Datasheet HTML 1Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 2Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 3Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 4Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 5Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 6Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 7Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 8Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HS-303CEH
5
FN8399.1
April 19, 2013
Post Radiation Characteristics VSUPPLY = ±15V unless otherwise specified. This data is typical test data post radiation exposure
at a rate of <10mrad(Si)/s. This data is intended to show typical parameter shifts due to total ionizing dose (low dose radiation). TA= +25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
0k
25k
50k
75k
100k
UNITS
+rDS(ON) “Switch On” Resistance
VD = 10V, IS = -10mA
33.57
34.39
34.37
34.75
34.65
-rDS(ON) “Switch On” Resistance
VD = -10V, IS = 10mA
27.56
28.37
28.48
28.92
28.77
+IS(OFF) Leakage Current into Source of an
“OFF” Switch
VS = +14V, VD = -14V
-0.30
-0.26
-0.36
-0.55
-0.47
nA
VS = +15V, VD = -15V
-0.006
-0.002
-0.002
-0.003
-0.002
µA
-IS(OFF) Leakage Current into Source of an
“OFF” Switch
VS = -14V, VD = +14V
0.32
0.45
0.75
1.05
0.94
nA
VS = -15V, VD = +15V
0.004
0.003
0.003
0.003
0.002
µA
+ID(OFF) Leakage Current into Drain of an “OFF”
Switch
VS = +14V, VD = -14V
-0.36
-0.22
-0.25
-0.46
-0.40
nA
VS = +15V, VD = -15V
-0.001
-0.001
-0.001
-0.001
-0.002
µA
-ID(OFF) Leakage Current into Drain of an “OFF”
Switch
VS = -14V, VD = +14V
0.34
0.43
0.69
1.02
0.92
nA
VS = -15V, VD = +15V
0.0004
0.0008 0.0011 0.0014 0.0018
µA
+ID(ON) Leakage Current from an “ON” Driver
into the Switch (Drain and Source)
VS = +14V, VD = +14V
-0.25
-0.26
-0.36
-0.55
-0.65
nA
-ID(ON)
Leakage Current from an “ON” Driver
into the Switch (Drain and Source)
VS = -14V, VD = -14V
0.17
0.15
0.26
0.45
0.40
nA
IAL
Low Level Input Address Current
All Channels VA = 0.8V
0.19
0.30
0.23
0.71
0.48
nA
IAH
High Level Input Address Current
All Channels VA = 4.0V
1.72
0.87
0.83
0.28
1.31
nA
I+
Positive Supply Current
All Channels VA = 0.8V
54
51
50
49
50
µA
VA1 = 0V, VA2 = 4V
VA1 = 4V, VA2 = 0V
185
146
129
116
106
µA
I-
Negative Supply Current
All Channels VA = 0.8V
-0.011
-0.015
-0.011
-0.019
-0.022
µA
VA1 = 0V, VA2 = 4V
VA1 = 4V, VA2 = 0V
-0.013
-0.016
-0.017
-0.019
-0.014
µA
tOPEN
Break-Before-Make Time Delay
RL = 300Ω, VS = 3V, VAH = 5V, VAL = 0V
42.58
50.84
55.63
56.74
58.06
ns
tON
Switch Turn “ON” Time
RL = 300Ω, VS = 3V, VAH = 4V, VAL = 0V
221.03
229.24 240.85 249.79 256.37
ns
tOFF
Switch Turn “OFF” Time
RL = 300Ω, VS = 3V, VAH = 4V, VAL = 0V
188.62
184.65 182.27 184.06 182.45
ns


Similar Part No. - HS0-303CEH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0-303CEH-Q RENESAS-HS0-303CEH-Q Datasheet
521Kb / 14P
   Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
More results

Similar Description - HS0-303CEH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-303CEH RENESAS-HS-303CEH Datasheet
521Kb / 14P
   Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com