Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILCX04-FF0318-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ILCX04-FF0318-20.000
Description  4 Pad Ceramic Package, 5 mm x 7 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX04-FF0318-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  ILCX04-FF0318-20.000 Datasheet HTML 1Page - ILSI America LLC ILCX04-FF0318-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Pad Ceramic Package, 5 mm x 7 mm
ILCX04 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
04/10/12_D
Specifications subject to change without notice
Page 1
Recommended pad layout
Connection Diagram
Dimension Units: mm
5.08
7.0
1.30 Max.
5.0
2.54
1.0
1.2
1
4
3
2
4
1
3
2
1
3
2
6.4
2.2
1.4
4
2.54
Product Features:
Applications:
Small SMD Package
Fibre Channel
AT Cut Perfomance
Server & Storage
Compatible with Leadfree Processing
USB
Supplied in Tape and Reel
802.11 / Wifi
PC’s
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
6 MHz to 150 MHz
ESR (Equivalent Series Resistance)
6.0 MHz – 7.9 MHz
8.0 MHz – 9.9 MHz
10.0 MHz – 13.9 MHz
14.0 MHz – 19.9 MHz
20.0 MHz – 40.0 MHz
30.0 MHz – 150.0 MHz (3
rd O.T.)
100 Max.
60 Max.
50 Max.
40 Max.
30 Max.
80 Max.
Shunt Capacitance (C0)
7 pF Max.
Frequency Tolerance @ 25
 C
30 ppm Standard (see Part Number Guide for options)
Frequency Stability over
Temperature
50 ppm Standard (see Part Number Guide for options)
Crystal Cut
AT Cut
Load Capacitance
18 pF Standard (see Part Number Guide for more options)
Drive Level
100 uW Max.
Aging
5 ppm Max. / Year Standard
Temperature
Operating
0
 C to +70 C Standard (see Part Number Guide for more
options)
Storage
-40
 C to +85 C Standard
Part Number Guide
Sample Part Number:
ILCX04 - FB1F18 - 20.000
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load
Capacitance
(pF)
Frequency
ILCX04 -
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
18 pF Standard
Or Specify
- 20.000 MHz
F = ±30 ppm
F = ±30 ppm
1 = 0°C to +70°C
3 = 3
rd overtone
G = ±25 ppm
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C
D = -10°C to +105°C*
E = -40°C to +105°C*


Similar Part No. - ILCX04-FF0318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB0318-20.000 ILSI-ILCX03-BB0318-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB0F18-20.000 ILSI-ILCX03-BB0F18-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB1318-20.000 ILSI-ILCX03-BB1318-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB1F18-20.000 ILSI-ILCX03-BB1F18-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
More results

Similar Description - ILCX04-FF0318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
IL3R ILSI-IL3R Datasheet
46Kb / 2P
   4 Pad Plastic Package, 1.4 mm x 7 mm
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 2 mm x 2.5 mm
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
   4 Pad Ceramic Package, 5.5 mm x 11.9 mm
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com