Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-26CLV31EH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-26CLV31EH
Description  Radiation Hardened 3.3V Quad Differential Line Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-26CLV31EH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-26CLV31EH Datasheet HTML 1Page - Intersil Corporation HS-26CLV31EH Datasheet HTML 2Page - Intersil Corporation HS-26CLV31EH Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Radiation Hardened 3.3V Quad Differential Line
Drivers
HS-26CLV31RH, HS-26CLV31EH
The Intersil HS-26CLV31RH, HS-26CLV31EH are radiation
hardened 3.3V quad differential line drivers designed for
digital data transmission over balanced lines, in low voltage,
RS-422 protocol applications. CMOS processing assures low
power consumption, high speed, and reliable operation in the
most severe radiation environments.
The HS-26CLV31RH, HS-26CLV31EH accept CMOS level inputs
and converts them to differential outputs. Enable pins allow
several devices to be connected to the same data source and
addressed independently. These devices have unique outputs that
become high impedance when the driver is disabled or
powered-down, maintaining signal integrity in multi-driver
applications.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96663. A “hot-link” is also provided on
our homepage for downloading.
Features
• Electrically screened to SMD # 5962-96663
• QML qualified per MIL-PRF-38535 requirements
• 1.2 micron radiation hardened CMOS
- Total dose . . . . . . . . . . . . . . . . . . . . . . . . . 300 krad(Si)(max)
- Single event upset LET . . . . . . . . . . . . . 100MeV/mg/cm2)
- Single event latch-up immune
• Extremely low stand-by current . . . . . . . . . . . . . 100µA (max)
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• CMOS level inputs . . . . . . . .VIH > (0.7)(VDD); VIL < (0.3)(VDD)
• Differential outputs . . . . . . . . . . . . . . . VOH > 1.8V; VOL < 0.5V
• High impedance outputs when disabled or powered down
• Low output impedance . . . . . . . . . . . . . . . . . . . . . .10
Ω or less
• Full -55°C to +125°C military temperature range
• Pb-Free (RoHS Compliant)
Applications
• Line transmitter for MIL-STD-1553 serial data bus
Ordering Information
ORDERING NUMBER
(Note)
INTERNAL
MKT. NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
5962F9666302QEC
HS1-26CLV31RH-8
Q 5962F96 66302QEC
-55 to +125
16 Ld SBDIP
D16.3
5962F9666302QXC
HS9-26CLV31RH-8
Q 5962F96 66302QXC
-55 to +125
16 Ld FLATPACK
K16.A
5962F9666302VEC
HS1-26CLV31RH-Q
Q 5962F96 66302VEC
-55 to +125
16 Ld SBDIP
D16.3
5962F9666302VXC
HS9-26CLV31RH-Q
Q 5962F96 66302VXC
-55 to +125
16 Ld FLATPACK
K16.A
5962F9666302V9A
HS0-26CLV31RH-Q
-55 to +125
Die
HS1-26CLV31RH/PROTO
HS1-26CLV31RH/PROTO
HS1-26CLV31RH/PROTO
-55 to +125
16 Ld SBDIP
D16.3
HS9-26CLV31RH/PROTO
HS9-26CLV31RH/PROTO
HS9-26CLV31RH/PROTO
-55 to +125
16 Ld FLATPACK
K16.A
5962F9666304VEC
HS1-26CLV31EH-Q
Q 5962F96 66304VEC
-55 to +125
16 Ld SBDIP
D16.3
5962F9666304VXC
HS9-26CLV31EH-Q
Q 5962F96 66304VXC
-55 to +125
16 Ld FLATPACK
K16.A
5962F9666304V9A
HS0-26CLV31EH-Q
-55 to +125
Die
HS0-26CLV31RH/SAMPLE
HS0-26CLV31RH/SAMPLE
-55 to +125
Die
NOTE: These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
December 12, 2012
FN4898.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc.2000, 2008, 2009, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS-26CLV31EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
More results

Similar Description - HS-26CLV31EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com