Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-26C31EH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-26C31EH
Description  Radiation Hardened Quad Differential Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-26C31EH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-26C31EH Datasheet HTML 1Page - Intersil Corporation HS-26C31EH Datasheet HTML 2Page - Intersil Corporation HS-26C31EH Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HS-26C31RH, HS-26C31EH
3
FN3401.6
January 8, 2013
Die Characteristics
DIE DIMENSIONS:
96.5 mils x 195 mils x 21 mils
(2450 x 4950)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorus Silicon Glass)
Thickness: 10k
Å ±1kÅ
Metallization:
M1: Mo/TiW
Thickness: 5800
Å
M2: Al/Si/Cu (Top)
Thickness: 10k
Å ±1kÅ
Substrate:
AVLSI1RA
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential (Powered Up):
VDD
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2.0x105A/cm2
Bond Pad Size:
110µmx100µm
Metallization Mask Layout
HS-26C31RH, HS-26C31EH
(14) DO
(13) DO
(12) ENABLE
(11) CO
(10) CO
AO (2)
AO (3)
ENABLE (4)
BO (5)
BO (6)


Similar Part No. - HS-26C31EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
More results

Similar Description - HS-26C31EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com