Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILCX18-FIEF18-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ILCX18-FIEF18-20.000
Description  4 Pad Ceramic Package, 2 mm x 2.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX18-FIEF18-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  ILCX18-FIEF18-20.000 Datasheet HTML 1Page - ILSI America LLC ILCX18-FIEF18-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Pad Ceramic Package, 2 mm x 2.5 mm
ILCX18 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
7/23/12_D
Specifications subject to change without notice
Page 1
1
4
3
2
2.5
+/-0.1
0.55
+/-0.1
2.0
+/-0.1
2
3
1
4
Dimension Units: mm
Connection diagram
Recommended pad layout
2
3
1
4
1.25
1.65
0.8
0.9
Product Features:
Applications:
SMD Package
PCMCIA Cards
Small package Foot Print
Storage
Supplied in Tape and Reel
PC’s
Compatible with Leadfree Processing
Wireless Lan
USB
GSM Cell Phone
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
12 MHz to 60 MHz*
ESR (Equivalent Series Resistance)
12 MHz – 19.9 MHz
20 MHz – 29.9 MHz
30 MHz – 39.9 MHz
40 MHz – 60.0 MHz
100 Max.
80 Max.
60 Max.
40 Max.
Shunt Capacitance (C0)
3.5 pF Max.
Frequency Tolerance @ 25
 C
30 ppm Standard (see Part Number Guide for more options)
Frequency Stability over
Temperature
50 ppm Standard (see Part Number Guide for more options)
Crystal Cut
AT Cut
Load Capacitance
18 pF Standard (see Part Number Guide for more options)
Drive Level
100 µW Max.
Aging
5 ppm Max. / Year Standard
Temperature
Operating
0
 C to +70 C Standard (see Part Number Guide for more
options)
Storage
-40
 C to +85 C Standard
Part Number Guide
Sample Part Number:
ILCX18 - FB1F18 - 20.000
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load
Capacitance
(pF)
Frequency
ILCX18 -
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
18 pF Standard
Or Specify
- 20.000 MHz
F = ±30 ppm
F = ±30 ppm
1 = 0°C to +70°C
G = ±25 ppm
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C
D = -10°C to +105°C*
E = -40°C to +105°C*


Similar Part No. - ILCX18-FIEF18-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB0318-20.000 ILSI-ILCX10-BB0318-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB0F18-20.000 ILSI-ILCX10-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB1318-20.000 ILSI-ILCX10-BB1318-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB1F18-20.000 ILSI-ILCX10-BB1F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
More results

Similar Description - ILCX18-FIEF18-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
IL3X ILSI-IL3X Datasheet
45Kb / 2P
   2 Pad Ceramic Package, 1.5 mm x 3.2 mm
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
   4 Pad Ceramic Package, 5.5 mm x 11.9 mm
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com