Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ3C36B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SZ3C36B
Description  Surface Mount Silicon-Zener Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SZ3C36B Datasheet(HTML) 2 Page - Diotec Semiconductor

  SZ3C36B Datasheet HTML 1Page - Diotec Semiconductor SZ3C36B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SZ3C 1-2% ... SZ3C200 -2% (3W)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 / °C]
VR [V]
IZmax [mA]
SZ3C10B
9.80
10.20
50
2 (<4)
+5…+9
> 5
3
SZ3C11B
10.78
11.22
50
4 (<7)
+5…+10
> 5
3
SZ3C12B
11.76
12.24
50
4 (<7)
+5…+10
> 7
2
SZ3C13B
12.74
13.26
50
5 (<10)
+5…+10
> 7
2
SZ3C15B
14.70
15.30
50
5 (<10)
+5…+10
> 10
2
SZ3C16B
15.68
16.32
25
6 (<15)
+6…+11
> 10
2
SZ3C18B
17.64
18.36
25
6 (<15)
+6…+11
> 10
2
SZ3C20B
19.60
20.40
25
6 (<15)
+6…+11
> 10
1
SZ3C22B
21.56
22.44
25
6 (<15)
+6…+11
> 12
1
SZ3C24B
23.52
24.48
25
7 (<15)
+6…+11
> 12
1
SZ3C27B
26.46
27.54
25
7 (<15)
+6…+11
> 14
1
SZ3C30B
29.40
30.60
25
8 (<15)
+6…+11
> 14
1
SZ3C33B
32.34
33.66
25
8 (<15)
+6…+11
> 17
1
SZ3C36B
35.28
36.72
10
16 (<30)
+6…+11
> 17
1
SZ3C39B
38.22
39.78
10
20 (<40)
+6…+11
> 20
1
SZ3C43B
42.14
43.86
10
24 (<40)
+7…+12
> 20
1
SZ3C47B
46.06
47.94
10
24 (<40)
+7…+12
> 24
1
SZ3C51B
49.98
52.02
10
25 (<60)
+7…+12
> 24
1
SZ3C56B
54.88
57.12
10
25 (<60)
+7…+12
> 28
1
SZ3C62B
60.76
63.24
10
25 (<80)
+8…+13
> 28
0
SZ3C68B
66.64
69.36
10
25 (<80)
+8…+13
> 34
0
SZ3C75B
73.50
76.50
10
30 (<100)
+8…+13
> 34
0
SZ3C82B
80.36
83.64
10
30 (<100)
+8…+13
> 41
0
SZ3C91B
89.18
92.82
5
40 (<150)
+9…+13
> 41
0
SZ3C100B
98.00
102.00
5
60 (<150)
+9…+13
> 50
0
SZ3C110B
107.80
112.20
5
80 (<200)
+9…+13
> 50
0
SZ3C120B
117.60
122.40
5
80 (<200)
+9…+13
> 60
0
SZ3C130B
127.40
132.60
5
90 (<250)
+9…+13
> 60
0
SZ3C150B
147.00
153.00
5
100 (<250)
+9…+13
> 75
0
SZ3C160B
156.80
163.20
5
110 (<300)
+9…+13
> 75
0
SZ3C180B
176.40
183.60
5
120 (<350)
+9…+13
> 90
0
SZ3C200B
196.00
204.00
5
150 (<350)
+9…+13
> 90
0
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - SZ3C36B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C36 DIOTEC-SZ3C36 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C36 DIOTEC-SZ3C36 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SZ3C36 SEMIKRON-SZ3C36 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
logo
Diotec Semiconductor
SZ3C36 DIOTEC-SZ3C36 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
DIOTEC Electronics Corp...
SZ3C36 DEC-SZ3C36 Datasheet
98Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - SZ3C36B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_10 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com