Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-APC-8152HT-A2 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-APC-8152HT-A2
Description  15??TFT XGA (1024 x 768) LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-APC-8152HT-A2 Datasheet(HTML) 1 Page - AAEON Technology

  TF-APC-8152HT-A2 Datasheet HTML 1Page - AAEON Technology TF-APC-8152HT-A2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anti-scratch front bezel
Status LED and LCD
On/Off button
USB2.0 port with
waterproof cover
04
Features
Specifications
Note: All specifications are subject to change without notice.
04-5
15” TFT XGA (1024 x 768) LCD
Socket 478-Based Intel® Pentium® 4 And Celeron®
Processors
Anti-Vibration Disk Drive Bay For Hard Disk Drive
IP-65 Certified Anti-Scratch & Waterproof
Aluminum Front Panel With USB Port
Up To 16 In Or 16 Out Digital I/O
Resistive TouchScreen (Optional)
Two PCI Expansion Slots
15” Intel® Pentium® 4 And Celeron® Processors Robust Panel PC With 2 Expansion Slots
System
Processor (Optional)
Socket 478-based Intel® Pentium® 4 (up to 2.8 GHz) and Celeron®
processors (FSB 400/533 MHz)
Memory (Optional)
184-pin DDR SDRAM (DDR200/266/333 MHz), up to 1 GB
LCD/CRT Controller
Intel® i845GV, AGP 4X
Ethernet
Intel® 82562, 10/100Base-TX, RJ-45 x 1
I/O Port
3 serial ports :RS-232 x 2, RS-232/422/485 x 1 (COM 4 is
reserved for TouchScreen)
Parallel x 1 (supports ECP/EPP)
PS/2 mouse x 1
PS/2 keyboard x 1
VGA x 1
USB2.0 x 4 (on rear chassis)
USB2.0 x 1 (on front panel) (protectable by BIOS)
MIC-in, Line-in, Speaker-out, S/P DIF-out
Digital I/O x 1 (Supports up to 16 in or 16 out)
Storage Disk Drive
Anti-vibration 2.5” IDE Hard Disk Drive (Optional)
Slim Floppy Disk Drive and Slim CD-ROM (Optional)
Expansion Slot
PCI x 2, Mini PCI x 1
OS Support
Windows® 2000, Windows® XP Pro for Embedded, Windows® XP
Embedded (optional)
Mechanical
Construction
Heavy-duty steel chassis
IP-65 certified anti-scratch aluminum front panel
(or optional Stainless Steel front panel)
Front Panel Color
PMS 2965C (Dark Blue)
Mounting
Panelmount, VESA 75/100mm holes
Dimension
17.5” (W) x 13.2” (H) x 5.7” (D)
(444mm x 336mm x 144mm)
Carton Dimension
21.9” (W) x 18.1” (H) x 14” (D)
(555mm x 460mm x 355mm)
Gross Weight
33.1 lb (15 Kg)
Net Weight
28.16 lb (12.8 kg)
Environmental
Operating Temperature
32°F ~ 122°F (0°C ~ 50°C)
Storage Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Operating Humidity
10% to 90%@35°C, non-condensing
Vibration
Random operation 1.5G, 5 ~ 500Hz
Shock
15G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class B (AC version)
CE/FCC Class A (DC version)
Power Supply
AC input 250W
(with Active PFC)
Input : 100V AC ~ 240V AC ±10%@ 47 ~ 63Hz
24V DC input 200W
Input: 19V DC~32V DC@16A max
PS/2 keyboard mouse
VESA mounting holes
Two free Expansion slots
(2 PCI)
Parallel
CRT D-Sub
S/P DIF-out
10/100 or
10/100/1000Base-TX
Ethernet (optional)
Power
Digital I/O
USB2.0 x 4
COM
System power button
10/100Base-TX Ethernet
Speaker-out / Line-in / Mic-in
APC-8152


Similar Part No. - TF-APC-8152HT-A2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-APC-8122HT-A1 AAEON-TF-APC-8122HT-A1 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
TF-APC-8122HT-A3 AAEON-TF-APC-8122HT-A3 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
TF-APC-8122HTT-A1 AAEON-TF-APC-8122HTT-A1 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
TF-APC-8122HTT-A3 AAEON-TF-APC-8122HTT-A3 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
TF-APC-8172HT-A1 AAEON-TF-APC-8172HT-A1 Datasheet
345Kb / 2P
   17??TFT SXGA (1280 x 1024) LCD
More results

Similar Description - TF-APC-8152HT-A2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AOP-8150WT AAEON-AOP-8150WT Datasheet
340Kb / 2P
   15" TFT XGA (1024 x 768) LCD
AOP-8150HT AAEON-AOP-8150HT Datasheet
558Kb / 2P
   15??TFT XGA (1024 x 768) LCD
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
AGD-315R AAEON-AGD-315R Datasheet
294Kb / 2P
   15??XGA (1024 x 768) TFT LCD Display
AWK-4501 AAEON-AWK-4501 Datasheet
689Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
logo
Axiomtek Co., Ltd.
GOT3156T-832 AXIOMTEK-GOT3156T-832_17 Datasheet
420Kb / 2P
   15 XGA (1024 x 768) color TFT LCD display
logo
AAEON Technology
AGD-312R AAEON-AGD-312R Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
Axiomtek Co., Ltd.
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com