Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1702021201 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1702021201
Description  Fanless Design (Celeron짰 M 600 MHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1702021201 Datasheet(HTML) 1 Page - AAEON Technology

  1702021201 Datasheet HTML 1Page - AAEON Technology 1702021201 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03
Features
Specifications
Note: All specifications are subject to change without notice.
03-13
Fanless Design (Celeron® M 600 MHz)
Onboard Intel® Celeron® M 1.3 GHz/ 600 MHz Processor
6.4” VGA Color TFT LCD Display
Slim, Fanless, Rugged Design
Touch Screen and CompactFlash™ Card Support
Windows® XP Embedded Support
10/100Base-TX Ethernet
Dual Independent Displays
6.4” TFT-LCD Windows® XP Embedded, Windows® 7 Operator Panel PC
System
Processor
Intel® Celeron® M 1.3 GHz/ 600 MHz
System Memory
Onboard 256 MB
Storage Memory
512 MB CompactFlash™
LCD/CRT Controller
Intel® 852GM + Chrontel7009
Ethernet
Intel® 82562, 10/100Base-TX, RJ-45 x 1
I/O Port
RS-232 (DB-9) x 1
USB2.0 x 2
VGA x 1
Audio Line out x 1
PS/2 (keyboard + mouse Mini-Din port) x 1
Solid Storage Disk
Type II CompactFlash™ Open slot
Expansion Slot
Mini-PCI slot, CompactFlash™ slot
OS Support
Windows® XP Embedded, Windows® XP Pro for Embedded
Mechanical
Construction
Aluminum back cover
IP-65 certified Plastic front panel
Color
Front Bezel: Black
Back Cover: Silver
Mounting
VESA 75
Dimension
7.8” x 6” x 2.05” (198mm x 152mm x 52mm)
Carton Dimension
11.2” x 7.36” x 9” (284mm x 187mm x 228mm)
Gross Weight
3.3 lb (1.5 kg)
Net Weight
2.2 lb (1 kg)
Environmental
Operating Temperature
32°F ~ 104°F (0°C ~40°C)
Storage Temperature
-4°F ~ 140°F (-20°C ~60°C)
Storage Humidity
10 ~90%@40°C, non-condensing
Vibration
Random Operation 1 G, 5~500Hz
Shock
15G peak acceleration (11m sec. duration) / operation
EMC
CE/FCC Class A
Power Supply
DC-DC Input, 25W
Input: 5V DC
LCD
Display Type
6.4” color TFT LCD
Max. Resolution
640 x 480
Max. Color
262K
Dot Size
0.204 x 0.204
Luminance
250 cd/m2 (Typical)
View Angle
130˚(H)/ 110˚(V)
Back Light MTBF (Hours)
20,000
AOP-8060XT
ComapctFlash™ Type II Socket
Line out
10/100Base-TX
PS/2 Keyboard & Mouse
Power On/Off
Dual USB
RS-232
VGA Port
DC Input
Power LED


Similar Part No. - 1702021201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702026 PHOENIX-1702026 Datasheet
96Kb / 3P
   PCB terminal block - ZFKDS 1,5C-5,0 BU
12/07/2018
1702028 PHOENIX-1702028 Datasheet
132Kb / 5P
   Base strip - DFK-PC 6-16/ 3-GFU-SH-10,16
More results

Similar Description - 1702021201

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
AEC-6850 AAEON-AEC-6850 Datasheet
296Kb / 2P
   Fanless Design With Intel짰 Celeron짰 M 1.0 GHz Processor
AEC-6910 AAEON-AEC-6910 Datasheet
275Kb / 2P
   Fanless Design, Intel짰 Pentium짰 M (Up To 2.0 GHz)/ Celeron짰 M Processor
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
PFM-800P AAEON-PFM-800P Datasheet
210Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1 GHz
PCM-8152 AAEON-PCM-8152 Datasheet
199Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz And 1 GHz
PCM-8150 AAEON-PCM-8150 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
GENE-8310 AAEON-GENE-8310 Datasheet
263Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 1.5 GHz/ 1.3 GHz Or Intel짰 Celeron짰 M 600 MHz & 1 GHz Processors
logo
Axiomtek Co., Ltd.
RBOX610 AXIOMTEK-RBOX610_16 Datasheet
364Kb / 2P
   Fanless design
logo
AAEON Technology
GENE-8315 AAEON-GENE-8315 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1.0 GHz or Intel짰 Celeron짰 M 1.3 GHz (Optional)/ 1.5 GHz Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com