Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I734-3J7-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I734-3J7-20.000
Description  3.2 mm x 5 mm Ceramic Package SMD TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I734-3J7-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I734-3J7-20.000 Datasheet HTML 1Page - ILSI America LLC I734-3J7-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 mm x 5 mm Ceramic Package SMD TCXO
I533/I534/I733/I734 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/20/11_D
Specifications subject to change without notice
Page 1
5.0
2.6
1.4
1.35
1.6
4.0
Dimension Units: mm
1
2
4
3
Pin Connection
1
Control Voltage or N.C.
2
GND
3
Output
4
Vcc
3.2
1
2
2
3
3
4
4
1
1.5
2.5
Product Features:
Applications:
Low Jitter, Non-PLL Based Output
Server & Storage
Available in Both Clipped Sinewave and
Sonet /SDH
HCMOS Output Levels
802.11 / Wifi
Compatible with Leadfree Processing
T1/E1, T3/E3
Fibre Channel
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
** Not available for all temperature ranges.
Frequency
8.000 Mhz to 40 Mhz
Output Level
Clipped Sinewave
HCMOS
0.8 V p-p Min.
‘0’=0.5 VDC Max., ‘1’=0.8Vcc Min.
Output Load
Clipped Sinewave
HCMOS
20K Ohms / 10 pF
15pF
Duty Cycle (HCMOS)
50% ±10%
Rise / Fall Time
(HCMOS)
10 nS Max.
Frequency Stability
Vs Temperature
Vs Voltage
Vs Load(5%)
See Frequency Stability Table
 0.3 ppm Max.
.0.2 ppm Max.
Frequency Tolerance @
25C
 1.0 ppm
Aging
 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table , tolerance
 5%
Current
2.0 mA Max. (Clipped Sinewave)
6.0 mA Max. (HCMOS)
Voltage Control
(I733/I734)
1.5 VDC
 1.0 VDC,  5.0 ppm Min.
Operating
See Operating Temperature Table
Storage
-40C to +85C
Phase Noise
(typ. @ 20Mhz)
-86 dBc/Hz @ 10 Hz
-115 dBc/Hz @ 100 Hz
-138 dBc/Hz @ 1KHz
-146 dBc/Hz @ 10 Khz
Part Number Guide
Sample Part Number: I537-1Q3-20.000 Mhz
Package
Operating Temperature
FrequencyStability vs Temperature
Supply Voltage
Frequency
I533 (Clipped Sinewave TCXO)
I534 (HCMOS TCXO)
I733 (Clipped Sinewave TCVCXO)
I734 (HCMOS TCVCXO)
7 = 0
 C to +50 C
**N =
1.0 ppm
3 = 3.3 V
- 20.000 MHz
1 = 0
 C to +70 C
**O =
1.5 ppm
7 = 3.0 V
3 = -20
 C to +70 C
**P =
2.0 ppm
2 = 2.7 V
2 = -40
 C to +85 C
Q =
2.5 ppm
R =
3.0 ppm
J =
5.0 ppm


Similar Part No. - I734-3J7-20.000

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
I730 WXDH-I730 Datasheet
1Mb / 12P
   6A 400V N-channel Enhancement Mode Power MOSFET
logo
ILSI America LLC
I731 ILSI-I731 Datasheet
45Kb / 1P
   Surface Mount Oscillator
I731-1J2-20.000 ILSI-I731-1J2-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
I731-1J3-20.000 ILSI-I731-1J3-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
I731-1J7-20.000 ILSI-I731-1J7-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
More results

Similar Description - I734-3J7-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I547 ILSI-I547 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I537 ILSI-I537 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
ISM92-5151EH-20.000 ILSI-ISM92-5151EH-20.000 Datasheet
103Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92 ILSI-ISM92 Datasheet
113Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM89 ILSI-ISM89 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com