Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXH162373MTD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCXH162373MTD
Description  Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH162373MTD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCXH162373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 9Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
(V)
TA = 25°C
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.35
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.25
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.35
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.25
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Similar Part No. - 74LCXH162373MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374GX FAIRCHILD-74LCXH162374GX Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374MEA FAIRCHILD-74LCXH162374MEA Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374MEX FAIRCHILD-74LCXH162374MEX Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374MTD FAIRCHILD-74LCXH162374MTD Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
More results

Similar Description - 74LCXH162373MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74LCX162373 FAIRCHILD-74LCX162373 Datasheet
218Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26??Series Resistor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com