Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S15MYD2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S15MYD2
Description  Surface Mount Silicon Rectifier Diodes - Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S15MYD2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  S15MYD2 Datasheet HTML 1Page - Diotec Semiconductor S15MYD2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S15AYD2 ... S15MYD2
S15AYD2 ... S15MYD2
Surface Mount Silicon Rectifier Diodes – Single Diode
Silizium-Gleichrichterdioden für die Oberflächenmontage– Einzeldiode
Version 2013-02-27
Dimensions - Maße [mm]
Nominal current
Nennstrom
15 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
TO-263AB
D2PAK
Weight approx.
Gewicht ca.
1.6 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
Forward voltage
Durchlass-Spannung
VF [V] Tj = 25°C
IF = 5 A
IF = 15 A
S15AYD2
50
50
< 1.0
< 1.3
S15BYD2
100
100
< 1.0
< 1.3
S15DYD2
200
200
< 1.0
< 1.3
S15GYD2
400
400
< 1.0
< 1.3
S15JYD2
600
600
< 1.0
< 1.3
S15KYD2
800
800
< 1.0
< 1.3
S15MYD2
1000
1000
< 1.0
< 1.3
Max. average forward current, R-load
Dauergrenzstrom mit R-Last
TC = 100°C
IFAV
15 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
50 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
250/275 A 1)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
312 A2s 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.4
4.5 0.2
±
1.2
5.08
0.8
1.3
10.25 ±0.5
1
Type
Typ
3
2
4
1
2/4
3


Similar Part No. - S15MYD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S15MYD2 DIOTEC-S15MYD2 Datasheet
133Kb / 2P
   Surface Mount Silicon Rectifier Diodes ??Single Diode
S15MYD2 DIOTEC-S15MYD2 Datasheet
162Kb / 2P
   Standard Recovery SMD Rectifier Diodes
More results

Similar Description - S15MYD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S15AYD2 DIOTEC-S15AYD2 Datasheet
133Kb / 2P
   Surface Mount Silicon Rectifier Diodes ??Single Diode
logo
Semikron International
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A_07 Datasheet
199Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SA154 SEMIKRON-SA154_07 Datasheet
110Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
EGL34A SEMIKRON-EGL34A_07 Datasheet
201Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
FR2A SEMIKRON-FR2A_07 Datasheet
121Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
   Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
   Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com