Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT800D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # PT800D
Description  Silicon Rectifier Diodes . Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PT800D Datasheet(HTML) 2 Page - Diotec Semiconductor

  PT800D Datasheet HTML 1Page - Diotec Semiconductor PT800D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PT800A ... PT800M
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 2.5 K/W
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the case
in Abh. v. d. Gehäusetemperatur
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
C
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
200a-(5a-0.95v)


Similar Part No. - PT800D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PT800D DIOTEC-PT800D Datasheet
119Kb / 2P
   Silicon Rectifier Diodes - Single Diode
PT800D DIOTEC-PT800D Datasheet
112Kb / 2P
   Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode
PT800D DIOTEC-PT800D Datasheet
120Kb / 2P
   Silicon Rectifier Diodes - Single Diode
PT800D DIOTEC-PT800D Datasheet
166Kb / 2P
   Standard Recovery Rectifier Diodes
PT800D DIOTEC-PT800D Datasheet
153Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - PT800D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PT800A DIOTEC-PT800A_15 Datasheet
120Kb / 2P
   Silicon Rectifier Diodes - Single Diode
PT800A DIOTEC-PT800A_10 Datasheet
119Kb / 2P
   Silicon Rectifier Diodes - Single Diode
S15AYD2 DIOTEC-S15AYD2_13 Datasheet
123Kb / 2P
   Surface Mount Silicon Rectifier Diodes - Single Diode
S15AYD2 DIOTEC-S15AYD2 Datasheet
133Kb / 2P
   Surface Mount Silicon Rectifier Diodes ??Single Diode
SBJ2620 DIOTEC-SBJ2620 Datasheet
121Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
SBT1020 DIOTEC-SBT1020_13 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Single Diode
SBJ1820 DIOTEC-SBJ1820 Datasheet
121Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
SBQ1020 DIOTEC-SBQ1020 Datasheet
139Kb / 2P
   Schottky Barrier Rectifier Diodes ??Single Diode
SBT1020 DIOTEC-SBT1020_10 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
logo
Semikron International
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com