Electronic Components Datasheet Search |
|
I640-61FB3H2-155.520 Datasheet(PDF) 2 Page - ILSI America LLC |
|
I640-61FB3H2-155.520 Datasheet(HTML) 2 Page - ILSI America LLC |
2 / 3 page 3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS I640 - Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 10/17/12_D Specifications subject to change without notice Page 2 SSB Phase Noise (typ.) Offset 77.76 MHz 155.52 MHz 622.08 MHz 10Hz 100Hz 1kHz 10kHz 100kHz -75 dBc/Hz -105 dBc/Hz -117 dBc/Hz -123 dBc/Hz -125 dBc/Hz -62 dBc/Hz -101 dBc/Hz -112 dBc/Hz -115 dBc/Hz -118 dBc/Hz -47 dBc/Hz -79 dBc/Hz -100 dBc/Hz -104 dBc/Hz -106 dBc/Hz Typical Application: Pb Free Solder Reflow Profile: *Units are backward compatible with 240C reflow processes Package Information: MSL = N.A. (package does not contain plastic, storage life is unlimited under normal room conditions). Termination = e4 (Au over Ni over W base metalization). |
Similar Part No. - I640-61FB3H2-155.520 |
|
Similar Description - I640-61FB3H2-155.520 |