Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-AEC-6850-A2 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AEC-6850-A2
Description  Fanless Design With Intel짰 Celeron짰 M 1.0 GHz Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6850-A2 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AEC-6850-A2 Datasheet HTML 1Page - AAEON Technology TF-AEC-6850-A2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-22
Dimension
Unit: mm
9741685001
Slim CD-ROM + 2.5” Hard Disk Drive kit
9741685002
3.5” Hard Disk Drive Kit
9741685003
Dual 2.5” Hard Disk Drive Kit
9741685010
1.8G RMS Vibration Protection Hard Disk Drive Kit
1702031802
Power Cord (US type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1757912001
AC Adapter (120W), Input: AC 100~240V; Output: DC 19V
TF-AEC-6850-A1
Embedded Controller, Intel® Celeron® M 1.3 GHz CPU, Fanless, AC, Card Reader, TV-out, DVI, ATX
mode
TF-AEC-6850-A2
Embedded Controller, Intel® Celeron® M 600 MHz CPU, Fanless, AC, Card Reader, TV-out, DVI, ATX
mode
TF-AEC-6850-A3
Embedded Controller, Intel® Celeron® M 1.3 GHz CPU, Fanless, DC 9-30V, Card Reader, TV-out, DVI,
AT Mode
TF-AEC-6850-A4
Embedded Controller, Intel® Celeron® M 600 MHz CPU, Fanless, DC 9-30V, Card Reader, TV-out, DVI,
AT Mode
Ordering Information
Ordering Information
AEC-6850


Similar Part No. - TF-AEC-6850-A2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6800-A1 AAEON-TF-AEC-6800-A1 Datasheet
488Kb / 2P
   Low Cost & Compact
TF-AEC-6800-B1 AAEON-TF-AEC-6800-B1 Datasheet
488Kb / 2P
   Low Cost & Compact
TF-AEC-6800-B2 AAEON-TF-AEC-6800-B2 Datasheet
488Kb / 2P
   Low Cost & Compact
TF-AEC-6810-A1 AAEON-TF-AEC-6810-A1 Datasheet
394Kb / 2P
   Fanless Design with VIA Eden??667MHz/ C3??1GHz Processor
TF-AEC-6810-A2 AAEON-TF-AEC-6810-A2 Datasheet
394Kb / 2P
   Fanless Design with VIA Eden??667MHz/ C3??1GHz Processor
More results

Similar Description - TF-AEC-6850-A2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6910 AAEON-AEC-6910 Datasheet
275Kb / 2P
   Fanless Design, Intel짰 Pentium짰 M (Up To 2.0 GHz)/ Celeron짰 M Processor
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
logo
Advantech Co., Ltd.
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
logo
Axiomtek Co., Ltd.
EBOX638-842-FL AXIOMTEK-EBOX638-842-FL Datasheet
304Kb / 1P
   Fanless Embedded System with Intel짰 Celeron짰 Processor J1900 2.0 GHz, VGA/HDMI
logo
AAEON Technology
AOP-8060XT AAEON-AOP-8060XT Datasheet
464Kb / 2P
   Fanless Design (Celeron짰 M 600 MHz)
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
logo
Advantech Co., Ltd.
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
   15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
logo
AAEON Technology
GENE-8315 AAEON-GENE-8315 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1.0 GHz or Intel짰 Celeron짰 M 1.3 GHz (Optional)/ 1.5 GHz Processors
logo
Advantech Co., Ltd.
MIC-3392L ADVANTECH-MIC-3392L Datasheet
262Kb / 2P
   6U CompactPCI Intel짰 Celeron짰 M Processor Blade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com