Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA20 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MSA20
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSA20 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MSA20 Datasheet HTML 5Page - Fairchild Semiconductor MSA20 Datasheet HTML 6Page - Fairchild Semiconductor MSA20 Datasheet HTML 7Page - Fairchild Semiconductor MSA20 Datasheet HTML 8Page - Fairchild Semiconductor MSA20 Datasheet HTML 9Page - Fairchild Semiconductor MSA20 Datasheet HTML 10Page - Fairchild Semiconductor MSA20 Datasheet HTML 11Page - Fairchild Semiconductor MSA20 Datasheet HTML 12Page - Fairchild Semiconductor MSA20 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
www.fairchildsemi.com
74LCX574 Rev. 2.0.0
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC),
JEDEC MS-013, 0.300" Wide Package Number M20B


Similar Part No. - MSA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSA20 FAIRCHILD-MSA20 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
MSA20 FAIRCHILD-MSA20 Datasheet
156Kb / 11P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
More results

Similar Description - MSA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com