Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX573MTCX-NL3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCX573MTCX-NL3
Description  Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX573MTCX-NL3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCX573MTCX-NL3 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX573MTCX-NL3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
74LCX573 Rev. 2.0.0
Logic Symbol
Connection Diagrams
Pin Assignments for
SOIC, SOP, SSOP, TSSOP
Pad Assignments for DQFN
(Top View)
Pin Descriptions
Truth Table
H = HIGH Voltage
L = LOW Voltage
Z = High Impedance
X = Immaterial
O0 = Previous O0 before HIGH-to-LOW transition of Latch
Enable
Functional Description
The LCX573 contains eight D-type latches with 3-STATE
output buffers. When the Latch Enable (LE) input is
HIGH, data on the Dn inputs enters the latches. In this
condition the latches are transparent, i.e., a latch output
will change state each time its D input changes. When
LE is LOW the latches store the information that was
present on the D inputs a setup time preceding the
HIGH-to-LOW transition of LE. The 3-STATE buffers are
controlled by the Output Enable (OE) input. When OE is
LOW, the buffers are enabled. When OE is HIGH the
buffers are in the high impedance mode but this does not
interfere with entering new data into the latches.
D0 D1 D2 D3 D4 D5 D6 D7
O0
OE
LE
O1 O2 O3 O4 O5 O6 O7
D1
D2
D3
D4
D5
D6
D7
GND
D0
O1
O2
O3
O4
O5
O6
O7
O0
LE
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
D1
D2
D3
D4
D5
D6
D7
GND
D0
O1
O2
O3
O4
O5
O6
O7
LE
O0
VCC
120
2
3
4
5
6
7
8
9
10
11
19
18
17
16
15
14
13
12
OE
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Latch Outputs
Inputs
Outputs
OE
LE
D
On
LH
H
H
LH
L
L
LL
X
O0
HX
X
Z
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate
propagation delays.
D0
O0
D
Q
LE
LE
OE
D1
O1
D
Q
LE
D2
O2
D
Q
LE
D3
O3
D
Q
LE
D4
O4
D
Q
LE
D5
O5
D
Q
LE
D6
O6
D
Q
LE
D7
O7
D
Q
LE


Similar Part No. - 74LCX573MTCX-NL3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX573MTC FAIRCHILD-74LCX573MTC_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX573MTCX-NL3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Toshiba Semiconductor
TC74LCX573F TOSHIBA-TC74LCX573F Datasheet
306Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ573FK TOSHIBA-TC7MZ573FK Datasheet
261Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX373F TOSHIBA-TC74LCX373F Datasheet
303Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com