Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX74M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LCX74M
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX74M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX74M Datasheet HTML 1Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 2Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 3Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 4Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 5Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 6Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 7Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 8Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms Generic for LCX Family
FIGURE 1. AC Test Circuit
(CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay, Pulse Width and trec Waveforms
3-STATE Output High Enable and
Disable TImes for Logic
3-STATE Output Low Enable and
Disable Times for Logic
Setup Time, Hold TIme and Recovery TIme for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Pulse Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3 r 0.3V
VCC x 2 at VCC 2.5 r 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.15V


Similar Part No. - 74LCX74M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX74M FAIRCHILD-74LCX74M Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LCX74M ONSEMI-74LCX74M Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX74MTC FAIRCHILD-74LCX74MTC Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LCX74MTC ONSEMI-74LCX74MTC Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX74MTCX FAIRCHILD-74LCX74MTCX Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
More results

Similar Description - 74LCX74M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX74 ONSEMI-74LCX74 Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Unisonic Technologies
U74LCX74 UTC-U74LCX74 Datasheet
175Kb / 7P
   LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX74MTCX FAIRCHILD-74LCX74MTCX Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX74 FAIRCHILD-74LCX74_08 Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX74 STMICROELECTRONICS-74LCX74_06 Datasheet
433Kb / 17P
   Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
   LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX112MTCX FAIRCHILD-74LCX112MTCX Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com