Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEC-6612A Datasheet(PDF) 1 Page - AAEON Technology

Part # AEC-6612A
Description  Intel짰 Atom??D510 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AEC-6612A Datasheet(HTML) 1 Page - AAEON Technology

  AEC-6612A Datasheet HTML 1Page - AAEON Technology AEC-6612A Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AEC-6612 Rev. A
Intel® Atom™ D510 Processor
Up To COM x 6, USB x 6
Fanless Operation
9 ~ 30V DC Input (Optional)
PCI-Express Mini Card x 2
SATA Hard Disk Drive Bay Inside
ATX/ ACPI Power Mode
Fanless Embedded Controller with Intel® Atom™ D510 Processor
CPU
Intel® Atom™ D510 1.66GHz
Chipset
ICH8M
System Memory
DDR2 SDRAM SODIMM x 1, Max. 2 GB
Display
Interface
VGA
DB-15 x 1,shared system memory up to 384MB
DVI
Others
2nd VGA x 1 (Optional Extension Kit)
Storage Device
SSD
CompactFlash™ Slot
HDD
2.5” SATA 1.5Gb/s Slim Hard Disk Drive Bay
Network
LAN
Gigabit Ethernet, RJ-45 x 2
Wireless
Front I/O
USB Port
USB2.0 x 2 (AEC-6612-A1/A1M-1010),
USB2.0 x 6 (AEC-6612-A2/A2M-1010)
LAN
RJ-45 x 2
Serial Port
RS-232/422/485 x 1, RS-232 x 1 (AEC-6612-A1/A1M-1010), RS-232 x 5
(AEC-6612-A2/A2M-1010)
DIO
Audio
KB/MS
Others
Power Switch x 1, Reset Button x 1, Power inlet x 1
Rear I/O
USB Port
LAN
Serial Port
DIO
Audio
KB/MS
Others
CompactFlash™ slot x 1
Expansion
PCIe [x1]
PCI
Mini Card
2
Mini PCI
Others
Indicator
Front
Power LED x 1, Hard Disk Drive LED x 1
Rear
Power Requirement
DC-in 9~30V/ DC-in 12 V input
Power Consumption
Intel® Atom™ D510, 1.18A@12V
System Cooling
Passive Cooling
Mounting
Wallmount
Operating Temperature
Ambient with Airflow
-4°F ~ 122°F (-20°C ~ 50°C) - CFD
-4°F ~ 131°F (-20°C ~ 55°C) - HDD
No Airflow
-4°F ~ 113°F (-20°C ~ 45°C) - CFD
-4°F ~ 122°F (-20°C ~ 50°C) - HDD
Storage Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Anti-Vibration
5 g rms/ 5 ~ 500Hz/ operation – CFD,
1 g rms/ 5~ 500Hz/ operation – HDD
Anti-Shock
50 G peak acceleration (11 msec. duration) – CFD
20 G peak acceleration (11 msec. duration) – HDD
MTBF
50,000
Certification
EMC
CE /FCC Class A
Safety
Dimension (W x H x D)
7.76” (w) x 2.44” (H) x 4.41” (D) (197mm x 57mm x 112mm)
USB x 2
USB x 2
Gigabit Ethernet RJ-45 x 2
COM
VGA
Power Switch
CompactFlash™ Slot
Front View
Rear View
11-13
11
Features
Specifications


Similar Part No. - AEC-6612A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
More results

Similar Description - AEC-6612A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463 ADVANTECH-SOM-4463_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763 ADVANTECH-SOM-6763_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
logo
List of Unclassifed Man...
LEC-7100 ETC2-LEC-7100 Datasheet
363Kb / 2P
   Digital Signage IPC with Intel짰 Atom??D510
logo
AAEON Technology
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
ACP-5212 AAEON-ACP-5212 Datasheet
323Kb / 2P
   21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com