Electronic Components Datasheet Search |
|
ISM63-62B9K1-155.520 Datasheet(PDF) 1 Page - ILSI America LLC |
|
ISM63-62B9K1-155.520 Datasheet(HTML) 1 Page - ILSI America LLC |
1 / 3 page 5 mm x 7 mm Ceramic Package SMD Oscillator, ISM63 – Series LVCMOS / LVPECL / LVDS ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 07/09/12_D Specifications subject to change without notice Page 1 Pin Connection 1 Enable/Disable or N.C. 2 Enable/Disable or N.C 3 Ground 4 Output 5 Output or N.C. 6 VDD 5.08 4.2 1.9 Bypass =0.01 uF 7.0 0.3 5.0 0.2 Dimension Units: mm Recommended Pad Layout 1 . 1 7 1.4 5.08 1.9 Max. 2.0 Frequency LVCMOS LVPECL LVDS 10 MHz to 225 MHz 10 MHz to 1500 MHz 10 MHz to 1500 MHz Output Level LVCMOS LVPECL LVDS VOH=90% VDD min., VOL=10 % VDD max. VOH=VDD-1.03V max. (Nom. Load), VOL=VDD-1.6V max. (Nom. Load) VOD=(Diff. Output) 350mV Typ. Duty Cycle LVCMOS LVPECL LVDS 50% ±5% @ 50%VDD 50% ±5% @ 50%* 50% ±5% @ 50%* Rise / Fall Time LVCMOS LVPECL LVDS 3.0 ns max. (90%/10%)* 0.6 ns max. (80%/20%)* 0.6 ns max. (80%/20%)* Output Load LVCMOS LVPECL LVDS 15pF 50 to VDD - 2.0 VDC RL=100 /CL=10pF Frequency Stability See Table Below Supply Voltage 3.3 VDC ± 10%, 2.5VDC ± 5% Current LVCMOS = 25 mA max., LVPECL = 60 mA max., LVDS = 35 mA max. Phase Jitter (RMS) At 12kHz to 20 MHz 0.9 ps typical Operating Temp. Range See Table Below Storage -40 C to +100 C NOTE: A 0.01 µF bypass capacitor is recommended between VDD (pin 6) and GND (pin 3) to minimize power supply noise. * Measured as percent of waveform. ** Available on LVDS and LVPECL ouput only. Product Features Applications Small Surface Mount Package xDSL Ethernet/LAN/WAN Fast Sample Delivery Broadcast video Optical modules Frequencies to 1500 MHz Wireless Base Stations Clock and data recovery Pb Free/ RoHS Compliant Sonet /SDH FPGA/ASIC Leadfree Processing WiMAX/WLAN Backplanes Server and Storage GPON Part Number Guide Sample Part Number: ISM63–31A3H1–155.520 Package Input Voltage Operating Temperature Stability (in ppm) Output Enable / Disable Complimentary Ouput (Pin 5) ** Frequency ISM63 3 = 3.3V 1 = 0 C to +70 C F = 20 3 = LVCMOS H = Enable (Pin 1) 1 = N.C. -155.520 MHz 6 = 2.5V 3 = -20 C to +70 C A = 25 8 = LVDS K = Enable (Pin 2) 2 = Output 2 = -40 C to +85 C B = 50 9 = LVPECL |
Similar Part No. - ISM63-62B9K1-155.520 |
|
Similar Description - ISM63-62B9K1-155.520 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |