Electronic Components Datasheet Search |
|
V23079-E1203-B301 Datasheet(PDF) 10 Page - Tyco Electronics |
|
V23079-E1203-B301 Datasheet(HTML) 10 Page - Tyco Electronics |
10 / 14 page AXICOM Telecom-, Signal and RF Relays P2 V23079 Relay 108-98002 Rev. D All specifications subject to change. Consult Tyco Electronics for latest specifications. 10 of 14 Insulation Standard Version High dielectric Version Insulation resistance at 500 Vdc > 109 Ω > 109 Ω Dielectric test voltage (1 min) between coil and contacts (Relay with 1 coil) between adjacent contact sets between open contacts 1500 Vrms 1000 Vrms 1000 Vrms 1500 Vrms 1500 Vrms 1500 Vrms Surge voltage resistance according to Telcordia TR-NWT-001089 (2 /10 µs) between coil and contacts (Relay with 1 coil) between adjacent contact sets between open contacts according to FCC 68 (10/160 µs) between coil and contacts (Relay with 1 coil) between adjacent contact sets between open contacts 2500 V 2500 V 2000 V 1500 V 1500 V 1500 V 2500 V 2500 V 2500 V Insulation according to IEC / EN 60950 Clearance Creepage distance Basic insulation 1.3 mm 2.5 mm High Frequency Data Capacitance between coil and contacts between adjacent contact sets between open contacts max. 2 pF max. 1.5 pF max. 1 pF RF Characteristics Isolation at 100 MHz / 900 MHz Insertion loss at 100 MHz / 900 MHz V.S.W.R. at 100 MHz / 900 MHz - 39.0 dB / - 20.7 dB - 0.02 dB / - 0.27 dB 1.04 / 1.40 General Data Operate time at U nom typ. / max. 3 ms / 4 ms Reset time (latching) at U nom , typ. / max. 3 ms / 4 ms Release time without diode in parallel (non-latching), typ. / max. 2 ms / 4 ms Release time with diode in parallel (non-latching), typ. / max. 4 ms / 6 ms Bounce time at closing contact, typ. / max. 1 ms / 3 ms Maximum switching rate without load 50 operations/s Ambient temperature -40 °C ... +85 °C Thermal resistance < 125 K/W Maximum permissible coil temperature 125 °C Vibration resistance (function) 35 G 10 to 1000 Hz Shock resistance, half sinus, 11 ms 50 G (function) 150 G (damage) Degree of protection / Environmental protection immersion cleanable, IP 67 / RT III Needle flame test application time 20 s, no burning < 15s Mounting position any Processing information Ultrasonic cleaning is not recommended Weight (mass) max. 2.8 g Terminal surface SnCu 0.7 Moisture sensitive level (JEDEC J-STD-020B) - SMD types MSL 3 Resistance to soldering heat 265 °C / 10 s All data refers to 23 °C unless otherwise specified. |
Similar Part No. - V23079-E1203-B301 |
|
Similar Description - V23079-E1203-B301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |