Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I724-1O3-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I724-1O3-20.000
Description  Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I724-1O3-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I724-1O3-20.000 Datasheet HTML 1Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Oscillator, TCXO, TCVCXO
I523 / I524 / I723 / I724 Series*
Metal Package, 9 mm x 11 mm
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/06
Specifications subject to change without notice
F2
I524 / I724
I523 / I723
Frequency
1.000 MHz to 40.000 MHz
10.000 MHz to 40.000 MHz
Output Level
HC-MOS / TTL
Clipped Sine
Level
‘0’ = 0.1 Vcc Max., ‘1’ = 0.9 Vcc Min.
1.0 V p-p Min.
Duty Cycle
50%
± 10%
Rise / Fall Time
10 nS Max.
Output Load
15 pF, Fo < 50 MHz = 10 TTL, Fo > 50 MHz = 5 LSTTL
20K Ohms / 10 pF
Frequency Stability
See Frequency Stability Table
Frequency Stability at +25
° C
± 1 ppm (I523 and I524)
Aging
± 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table, tolerance
±5 %
Current
40 mA Max. ***
3 mA Max.
Control Voltage (I723 / I724)
1.65 VDC
± 1.5 VDC, ±5 ppm Min. for Vcc = 3.3 VDC, 2.5 VDC ± 2.0 VDC, ±5 ppm Min. for Vcc = 5.0 VDC
Slope
Positive
Temperature
Operating
See Operating Temperature Table
Storage
-40
° C to +85° C
Environmental
See Appendix B for information
Package Information
MSL = 2a, Termination = e1 or e4
* I524 = HC-MOS TCXO, I523 = Clipped Sine TCXO, I724 = HC-MOS TCVCXO, I723 = Clipped Sine TCVCXO
6
1
2
3
4
5
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and Gnd (pin 2) to minimize power supply noise.
** Not available for all temperature ranges. *** Frequency, supply, and load related parameters.
Part Number Guide
Sample Part Number:
I523 - 1Q3 - 20.000
Package and Output
Operating Temperature
Frequency Stability vs. Temperature
Supply Voltage
Frequency
7 = 0
° C to +50° C
**O =
±1.5 ppm
5 = 5.0 VDC
1 = 0
° C to +70° C
**P =
±2.0 ppm
3 = 3.3 VDC
3 = -20
° C to +70 C
Q =
±2.5 ppm
2 = -40
° C to +85° C
R =
±3.0 ppm
I523 -
I524 -
I723 -
I724 -
J =
±5.0 ppm
- 20.000 MHz


Similar Part No. - I724-1O3-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I721-1J3-20.000 ILSI-I721-1J3-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I721-1J5-20.000 ILSI-I721-1J5-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I721-1O3-20.000 ILSI-I721-1O3-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I721-1O5-20.000 ILSI-I721-1O5-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I721-1P3-20.000 ILSI-I721-1P3-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
More results

Similar Description - I724-1O3-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I525 ILSI-I525 Datasheet
44Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
I521 ILSI-I521 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I531-7Q3-20.000 ILSI-I531-7Q3-20.000 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I411 ILSI-I411 Datasheet
33Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 20.5 mm X 20.5 mm
I416 ILSI-I416 Datasheet
50Kb / 2P
   Leaded Oscillator, OCXO Metal Package, 25.7 mm X 25.7 mm
HC49US ILSI-HC49US Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
I408 ILSI-I408 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 26 mm X 26 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com