Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23079-E1218-B301 Datasheet(PDF) 10 Page - Tyco Electronics

Part # V23079-E1218-B301
Description  P2 V23079 Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-E1218-B301 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button V23079-E1218-B301 Datasheet HTML 6Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 7Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 8Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 9Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 10Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 11Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 12Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 13Page - Tyco Electronics V23079-E1218-B301 Datasheet HTML 14Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AXICOM
Telecom-, Signal and RF Relays
P2 V23079 Relay
108-98002 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 14
Insulation
Standard Version
High dielectric Version
Insulation resistance at 500 Vdc
> 109
> 109
Dielectric test voltage (1 min)
between coil and contacts (Relay with 1 coil)
between adjacent contact sets
between open contacts
1500 Vrms
1000 Vrms
1000 Vrms
1500 Vrms
1500 Vrms
1500 Vrms
Surge voltage resistance
according to Telcordia TR-NWT-001089 (2 /10 µs)
between coil and contacts (Relay with 1 coil)
between adjacent contact sets
between open contacts
according to FCC 68 (10/160 µs)
between coil and contacts (Relay with 1 coil)
between adjacent contact sets
between open contacts
2500 V
2500 V
2000 V
1500 V
1500 V
1500 V
2500 V
2500 V
2500 V
Insulation according to IEC / EN 60950
Clearance
Creepage distance
Basic insulation
1.3 mm
2.5 mm
High Frequency Data
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
max. 2 pF
max. 1.5 pF
max. 1 pF
RF Characteristics
Isolation at 100 MHz / 900 MHz
Insertion loss at 100 MHz / 900 MHz
V.S.W.R. at 100 MHz / 900 MHz
- 39.0 dB / - 20.7 dB
- 0.02 dB / - 0.27 dB
1.04 / 1.40
General Data
Operate time at U
nom typ. / max.
3 ms / 4 ms
Reset time (latching) at U
nom , typ. / max.
3 ms / 4 ms
Release time without diode in parallel (non-latching), typ. / max.
2 ms / 4 ms
Release time with diode in parallel (non-latching), typ. / max.
4 ms / 6 ms
Bounce time at closing contact, typ. / max.
1 ms / 3 ms
Maximum switching rate without load
50 operations/s
Ambient temperature
-40 °C ... +85 °C
Thermal resistance
< 125 K/W
Maximum permissible coil temperature
125 °C
Vibration resistance (function)
35 G
10 to 1000 Hz
Shock resistance, half sinus, 11 ms
50 G (function)
150 G (damage)
Degree of protection / Environmental protection
immersion cleanable, IP 67 / RT III
Needle flame test
application time 20 s, no burning < 15s
Mounting position
any
Processing information
Ultrasonic cleaning is not recommended
Weight (mass)
max. 2.8 g
Terminal surface
SnCu 0.7
Moisture sensitive level (JEDEC J-STD-020B) - SMD types
MSL 3
Resistance to soldering heat
265 °C / 10 s
All data refers to 23 °C unless otherwise specified.


Similar Part No. - V23079-E1218-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-E1218-B301 MACOM-V23079-E1218-B301 Datasheet
2Mb / 8P
   Signal Relays
More results

Similar Description - V23079-E1218-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079 MACOM-V23079 Datasheet
716Kb / 11P
   P2 Relay
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com