Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8030 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MOC8030
Description  6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC8030 Datasheet(HTML) 3 Page - Motorola, Inc

  MOC8030 Datasheet HTML 1Page - Motorola, Inc MOC8030 Datasheet HTML 2Page - Motorola, Inc MOC8030 Datasheet HTML 3Page - Motorola, Inc MOC8030 Datasheet HTML 4Page - Motorola, Inc MOC8030 Datasheet HTML 5Page - Motorola, Inc MOC8030 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOC8030 MOC8050
3
Motorola Optoelectronics Device Data
20
0
Figure 3. Collector Current versus
Collector–Emitter Voltage
IF = 10 mA
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
40
60
80
100
120
140
1
2
3
4
5
6
7
8
9
10
5 mA
2 mA
1 mA
10
7
5
2
1
0.7
0.5
0.2
0.1
–60
Figure 4. Output Current versus Ambient Temperature
–40
–20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
–60
Figure 5. Collector–Emitter Voltage versus
Ambient Temperature
0.7
TA, AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
0.8
0.9
1
1.1
1.2
1.3
0
Figure 6. Collector–Emitter Dark Current versus
Ambient Temperature
1
TA, AMBIENT TEMPERATURE (°C)
10
102
103
104
105
20
40
60
80
100
NORMALIZED TO: VCE = 10 V
NORMALIZED TO: TA = 25°C
0.1
Figure 7. Turn–On Switching Times
(Typical Values)
1
IF, LED INPUT CURRENT (mA)
10
100
1000
0.2
0.5
1
2
5
10
20
50
100
VCC = 10 V
100
10
0.1
1
IF, LED INPUT CURRENT (mA)
10
100
1000
0.2
0.5
1
2
5
10
20
50
100
RL = 1000
100
10
VCC = 10 V
Figure 8. Turn–Off Switching Times
(Typical Values)
VCE = 55 V
10 V
30 V
RL = 1000
NORMALIZED TO TA = 25°C
NORMALIZED TO TA = 25°C


Similar Part No. - MOC8030

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Fairchild Semiconductor
MOC8030 FAIRCHILD-MOC8030 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8030 ISOCOM-MOC8030 Datasheet
65Kb / 2P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8030X ISOCOM-MOC8030X Datasheet
65Kb / 2P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

Similar Description - MOC8030

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
   6-Pin DIP Optoisolators Transistor Output(No Base Connection)
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
   6-Pin DIP Optoisolator Darlington Output(No Base Connection)
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
   6-Pin DIP Optoisolators Darlington Output
MOC263 MOTOROLA-MOC263 Datasheet
111Kb / 4P
   SMALL OUTLINE OPTOISOLATORS DARLINGTON OUTPUT NO BASE CONNECTION
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(Low Input Current)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com