Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6B4024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR6B4024
Description  General Purpose Relays, Force Guided Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6B4024 Datasheet(HTML) 2 Page - Tyco Electronics

  SR6B4024 Datasheet HTML 1Page - Tyco Electronics SR6B4024 Datasheet HTML 2Page - Tyco Electronics SR6B4024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
05-2011, Rev. 0511
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR6 A/B/C/V (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-25 to 70°C
Category of environmental Protection
IEC 61 810
RTIII
Weight
30g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/10 pcs.
For more detailed information see product specification 2158003
Accessories
27E1079
SR6A and SR6B socket (1423991-1)
27E1081
SR6C socket (1423992-1)
24A243
Relay hold down clip (1423994-1)
For details see datasheet 1654787
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contacts
3000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥5.5/5.5mm
between adjacent contacts
≥5.5/5.5mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
reinforced
PCB layout / terminal assignment
Bottom view
3 form A + 3 form B, 3 NO + 3 NC versions
SR6 A
4 form A + 2 form B, 4 NO + 2 NC versions
SR6 B
5 form A + 1 form B, 5 NO + 1 NC versions
SR6 C
S0368-CA
S0368-CB
S0368-CA
S0368-CC
S0368-CD
S0368-CE
4 form A + 2 form B, 4 NO + 2 NC versions
SR6 V
S0368-CU
S0368-CV
The design of the SR6 V allows
clearance/creepage of 5.5 mm
on the PCB.
Dimensions
S0367-DN
SR6 A/B/C
S0367-DU
SR6 V


Similar Part No. - SR6B4024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6B4024 MACOM-SR6B4024 Datasheet
338Kb / 4P
   Safety Relay SR6
logo
TE Connectivity Ltd
SR6B4024 TEC-SR6B4024 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

Similar Description - SR6B4024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393260-2 MACOM-1-1393260-2 Datasheet
553Kb / 3P
   General Purpose Relays Force Guided Relays
logo
IDEC Corporation
RF1V IDEC-RF1V Datasheet
2Mb / 9P
   RF1V Force Guided Relays/SF1V Relay Sockets
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com