Electronic Components Datasheet Search |
|
V23079-A2002-B301 Datasheet(PDF) 4 Page - Tyco Electronics |
|
V23079-A2002-B301 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 14 page AXICOM Telecom-, Signal and RF Relays P2 V23079 Relay 108-98002 Rev. D All specifications subject to change. Consult Tyco Electronics for latest specifications. 4 of 14 Dimensions Dimensions in mm THT Version Mounting hole layout View onto the component side of the PCB (top view) Terminal assignment Relay – top view Non-latching type not energized condition Latching type, reset condition Latching, 2 coils reset condition Contacts in reset position. Both coils can be used either as set or reset coils. THT V23079-x1xxx-B301 standard coil THT V23079-x2xxx-B301 overmolded coil SMT long terminals V23079-x1xxx-B301 standard coil SMT long terminals V23079-x2xxx-B301 overmolded coil SMT short terminals V23079-x1xxx-B301 standard coil SMT short terminals V23079-x2xxx-B301 overmolded coil mm inch mm inch mm inch mm inch mm inch mm inch L W H 14.5 ± 0.10 7.2 ± 0.10 9.8 ± 0.10 0.570 ± 0.004 0.283 ± 0.004 0.385 ± 0.004 14.6 ± 0.10 7.2 ± 0.10 9.5 ± 0.10 0.575 ± 0.004 0.283 ± 0.004 0.374 ± 0.004 14.5 ± 0.10 7.2 ± 0.10 10.4 ± 0.15 0.570 ± 0.004 0.283 ± 0.004 0.409 ± 0.006 14.6 ± 0.10 7.2 ± 0.10 9.9 ± 0.10 0.575 ± 0.004 0.283 ± 0.004 0.390 ± 0.004 14.5 ± 0.10 7.2 ± 0.10 10.4 ± 0.15 0.570 ± 0.004 0.283 ± 0.004 0.409 ± 0.006 14.6 ± 0.10 7.2 ± 0.10 9.9 ± 0.10 0.575 ± 0.004 0.283 ± 0.004 0.390 ± 0.004 T T1 T2 Tw S 3.25 – 0.25 N/A N/A 0.5 ± 0.05 0.55 – 0.15 0.128 – 0.010 N/A N/A 0.020 ± 0.002 0.022 – 0.006 3.25 – 0.25 N/A N/A 0.5 ± 0.05 0.45 0.128 – 0.010 N/A N/A 0.020 ± 0.002 0.018 ± 0.002 N/A 5.52 ± 0.15 9.4 ± 0.15 0.5 ± 0.05 N/A N/A 0.217 ± 0.006 0.370 ± 0.006 0.020 ± 0.002 N/A N/A 5.52 9.4 ± 0.15 0.5 ± 0.05 N/A N/A 0.217 ± 0.006 0.370 ± 0.006 0.020 ± 0.002 N/A N/A 5.52 7.4 ± 0.15 0.5 ± 0.05 N/A N/A 0.217 ± 0.006 0.291 ± 0.006 0.020 ± 0.002 N/A N/A 5.52 7.4 ± 0.15 0.5 ± 0.05 N/A N/A 0.217 ±0.006 0.291 ±0.006 0.020 ±0.002 N/A SMT Version P2 SMT S Long terminals Short terminals 0,9 ±0,1 Note: Solder pad for pin 6 and 7 only for latching with 2 coils Note: Solder pad for pin 6 and 7 only for latching with 2 coils Solder pad layout View onto the component side of the PCB (top view) Long terminals Short terminals Note: Hole for pin 6 and 7 only for latching with 2 coils. Basic grid 2.54 mm |
Similar Part No. - V23079-A2002-B301 |
|
Similar Description - V23079-A2002-B301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |