Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23105 Datasheet(PDF) 1 Page - Tyco Electronics

Part # V23105
Description  D2n Relay V23105
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23105 Datasheet(HTML) 1 Page - Tyco Electronics

  V23105_11 Datasheet HTML 1Page - Tyco Electronics V23105_11 Datasheet HTML 2Page - Tyco Electronics V23105_11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Standard DIL relay
n
Dimensions 20x10x11mm (.795x.394x.433”)
n
Switching and continous current 3A
n
2 form C contacts (2 CO, 2 changeover contacts)
n
Immersion cleanable
n
Four different coil sensitivities, 150mW, 200mW, 400mW, >500mW
n
Surge voltage resistance meets FCC Part 68 requirement: 1.5kV
(10/700μs) between coil and contacts
Typical applications
Communications equipment, office equipment, measurement and control
equipment, entertainment electronics, medical equipment, consumer
electronics
Approvals
UL 508 File No. E 111441
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO)
Max. switching voltage
220VDC, 250VAC
Rated current
3A
Limiting continuous current, 85°C
3A
Contact material
AgNi, gold-covered
Min. recommended contact load
10mA at 20mV
Minimum switching voltage
100μV
Initial contact resistance
<100mΩ at 10mA, 20mV
Frequency of operation without load
max. 50 operations/s
Operate / release time max.
6ms/4ms
Bounce time max.
5 ms
Electrical endurance
at 230VAC/0.5A
typ. 3x105 operations
at 6VDC/0.1A
typ. 2x106 operations
at 30VDC/1A
typ. 5x105 operations
at 30VDC/2A
typ. 1x105 operations
Contact ratings, UL
30VDC/1.0A
100VDC/0.3A
150mW and 200mW coil
125VAC/0.5A
400mW and 500mW coil
125VAC/1.0A
Mechanical endurance
typ. 15x106 operations
Coil Data
Magnetic system
neutral
Coil voltage range
3 to 48VDC
Max. coil temperature
85 °C
Thermal resistance
< 85K/W
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
Voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
150mW coil power
001
5
4.0
11.7
0.25
167
150
002
6
4.8
14.0
0.30
240
150
006
9
7.2
21.0
0.45
540
150
003
12
9.6
28.0
0.60
960
150
005
24
19.2
56.0
1.20
3840
150
200mW coil power
308
3
2.1
6.1
0.15
45
200
301
5
3.5
10.1
0.25
125
200
302
6
4.2
12.2
0.30
180
200
306
9
6.3
18.2
0.45
405
200
303
12
8.4
24.3
0.60
720
200
305
24
16.8
48.6
1.20
2880
200
307
48
33.6
97.2
2.40
11520
200
400mW coil power
401
5
3.5
7.2
0.25
62
400
402
6
4.2
8.6
0.30
90
400
406
9
6.3
12.9
0.42
203
400
403
12
8.4
17.2
0.60
360
400
405
24
16.8
34.3
1.20
1440
400
407
48
33.6
68.6
2.40
5760
400
>500mW coil power
501
5
3.5
6.1
0.25
36
695
502
6
4.2
7.3
0.30
70
515
506
9
6.3
10.9
0.45
140
580
503
12
8.4
14.5
0.60
280
515
505
24
16.8
29.1
1.20
1050
550
507
48
33.6
58.1
2.40
4000
575
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
D2n Relay V23105
Z


Similar Part No. - V23105_11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105-A5001-201 MACOM-V23105-A5001-201 Datasheet
498Kb / 11P
   The Best Relaytion
V23105-A5002-201 MACOM-V23105-A5002-201 Datasheet
498Kb / 11P
   The Best Relaytion
V23105-A5003-201 MACOM-V23105-A5003-201 Datasheet
498Kb / 11P
   The Best Relaytion
V23105-A5004-201 MACOM-V23105-A5004-201 Datasheet
498Kb / 11P
   The Best Relaytion
V23105-A5005-201 MACOM-V23105-A5005-201 Datasheet
498Kb / 11P
   The Best Relaytion
More results

Similar Description - V23105_11

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
1393792-2 TRUMPOWER-1393792-2 Datasheet
22Kb / 1P
   D2n-Relay Dimensions
logo
Tyco Electronics
2-1393793-1 MACOM-2-1393793-1 Datasheet
60Kb / 1P
   D2n Relays Dimensions
2-1393793-4 MACOM-2-1393793-4 Datasheet
60Kb / 1P
   D2n Relays Dimensions
2-1393793-3 MACOM-2-1393793-3 Datasheet
60Kb / 1P
   D2n Relays Dimensions
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com