Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23057-A0002-A401 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23057-A0002-A401
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23057-A0002-A401 Datasheet(HTML) 3 Page - Tyco Electronics

  V23057-A0002-A401 Datasheet HTML 1Page - Tyco Electronics V23057-A0002-A401 Datasheet HTML 2Page - Tyco Electronics V23057-A0002-A401 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay Card E (Continued)
Product code
Version
Contact arrangement Contact material
Coil
Part number
V23057-A0002-A101
Horizontal
1 form C (CO) contact
AgNi0.15
12VDC
1393215-4
V23057-A0002-A401
AgCdO
1393215-9
V23057-A0006-A101
AgNi0.15
24VDC
2-1393215-1
V23057-A0006-A201
AgNi 20
2-1393215-3
V23057-A0006-A401
AgCdO
2-1393215-5
V23057-B0001-A101
Vertical
AgNi0.15
6VDC
6-1393215-6
V23057-B0002-A101
12VDC
6-1393215-7
V23057-B0002-A201
AgNi 20
6-1393215-9
V23057-B0002-A401
AgCdO
7-1393215-1
V23057-B0006-A101
AgNi0.15
24VDC
7-1393215-5
V23057-B0006-A102
1 form A (NO) contact
7-1393215-9
V23057-B0006-A201
1 form C (CO) contact
AgNi 20
8-1393215-1
V23057-B0006-A401
AgCdO
8-1393215-5
V23057-B0006-A402
1 form A (NO) contact
8-1393215-6
V23057-B3006-A101
1 form C (CO) contact
AgNi0.15
2-1393216-6
V23057-B3023-A101
60VDC
2-1393216-8
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
V23057
-A
0
006
-A
1
01
Type
V23057 Power PCB Relay Card E
Version
A Horizontal
B Vertical
Version
0
Standard
Coil
Coil code: please refer to coil versions table
Contact set
A Single contact
B Bifurcated contact (form C/CO version only)
Contact material
1
AgNi 0.15
4
AgCdO
2
AgNi 20
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)


Similar Part No. - V23057-A0002-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0002-A401 MACOM-V23057-A0002-A401 Datasheet
193Kb / 3P
   Power PCB Relay Card E
V23057-A0002-A401 MACOM-V23057-A0002-A401 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
V23057-A0002-A401 TEC-V23057-A0002-A401 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - V23057-A0002-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0001-A101 MACOM-V23057-A0001-A101 Datasheet
193Kb / 3P
   Power PCB Relay Card E
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
1393215-4 MACOM-1393215-4 Datasheet
460Kb / 3P
   Power PCB Relay Card E
RP78623 MACOM-RP78623 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com