Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I603-2AK5H5-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I603-2AK5H5-20.000
Description  3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I603-2AK5H5-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I603-2AK5H5-20.000 Datasheet HTML 1Page - ILSI America LLC I603-2AK5H5-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
08/11
Specifications subject to change without notice
Page 1
Recommended Pad Layout
Dimension Units: mm
Pin
Connection
1
V Control
2
E/D(N.C.)
3
GND
4
Output
5
N.C.(E/D)
6
VDD
Product Features:
Applications:
Small Surface Mount Package
SD/HD Video
CMOS/TTL Compatible Logic Levels
Sonet /SDH
Compatible with Leadfree Processing
VoIP
T1/E1, T3/E3
Wireless Base Station
Frequency
1.000 MHz to 77.760 MHz (Fund.)
Output Level (HCMOS)
VOH = 90% VDD Min.
VOL = 10% VDD Max.
Duty Cycle
50% ±10% Std.(5% optional)
Rise / Fall Time
1.0 MHz to 20.0 MHz : 10.0 nS Max.
20.1 MHz to 40.0 MHz : 8.0 nS Max.
40.0 MHz to 77.76 MHz : 5.0 nS Max.
Output Load
15pF
Frequency Stability
See Table Below
Start-up Time
10 mS Max.
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Control Voltage
1.25 VDC ±1.05 VDC for 2.5 VDC, 1.65 VDC ±1.35 VDC for
3.3 VDC, 2.5 VDC ±2.0 VDC for 5.0 VDC
Pull Range
±100 ppm min. (Std). See Table Below.
Current
1.0 MHz to 20.0 MHz : 10.0 mA Max.
20.1 MHz to 40.0 MHz : 15.0 mA Max.(2.5V/3.3V)
20.1 MHz to 40.0 MHz : 20.0 mA Max.(5.0V)
40.0 MHz to 77.76 MHz : 25.0 mA Max.(2.5V/3.3V)
40.0 MHz to 77.76 MHz : 30.0 mA Max.(5.0V)
Enable/Disable(Pin 2 or Pin 5)
70% VDD Min. / 30%VDD Max.
Linearity
10%
Aging
±5ppm/year Max. (±3ppm optional)
Phase Jitter (12kHz to 20kHz)
1.0 pS Max.
Period Jitter (PK-PK)
100pS Max.
Temperature
Operating
Storage
See Below
-55C to +125C
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise. * Not available at all
voltages.
Part Number Guide
Sample Part Number: I603-1BC3H2-20.000
Package
Operating
Temperature
Stability
(in ppm)
Pullability
Supply
Voltage
Enable / Disable
Frequency
I603 -
1 = 0
 C to +70 C
F =
20
B =
50 PPM Min.
5 = 5.0 VDC
H2 = Enable(pin 2)
- 20.000 MHz
2 = -40
 C to +85 C
A =
25
C =
100 PPM Min.*
3 = 3.3 VDC
H5 = Enable(pin 5)
B =
50
K =
150 PPM Min.*
6 = 2.5 VDC


Similar Part No. - I603-2AK5H5-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I604 ILSI-I604 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604-1AB3H2-77.760 ILSI-I604-1AB3H2-77.760 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604-1AB3H5-77.760 ILSI-I604-1AB3H5-77.760 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604-1AB5H2-77.760 ILSI-I604-1AB5H2-77.760 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604-1AB5H5-77.760 ILSI-I604-1AB5H5-77.760 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
More results

Similar Description - I603-2AK5H5-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I604 ILSI-I604 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I605 ILSI-I605 Datasheet
49Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, TTL / HC-MOS
ISM92-5151EH-20.000 ILSI-ISM92-5151EH-20.000 Datasheet
103Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM97 ILSI-ISM97 Datasheet
104Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92 ILSI-ISM92 Datasheet
113Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
I640 ILSI-I640 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM95 ILSI-ISM95 Datasheet
126Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com