Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I212-2FC3-56.000 Datasheet(PDF) 2 Page - ILSI America LLC

Part # I212-2FC3-56.000
Description  Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I212-2FC3-56.000 Datasheet(HTML) 2 Page - ILSI America LLC

  I212-2FC3-56.000 Datasheet HTML 1Page - ILSI America LLC I212-2FC3-56.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Leaded Oscillator, VCXO, TTL / HC-MOS
Metal Package, Full Size DIP and Half DIP
I212 / I213
Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/10
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Application:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = N.A. (package does not contain plastic, storage life is
unlimited under normal room conditions).
Termination = e4- (Sn / Cu / Ag over Ni over Kovar base metal).
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI and Date Code
Line 2: XXXX (Part Number detail = I203-XXXX-Freq.)
Line 3: Frequency


Similar Part No. - I212-2FC3-56.000

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
I211-AT INTEL-I211-AT Datasheet
195Kb / 5P
   Low-power, small-footprint, single-port gigabit network connectivity with advanced performance features.
logo
Nuvoton Technology Corp...
I2115AYYIR NUVOTON-I2115AYYIR Datasheet
1,019Kb / 28P
   Digital ChipCorder With Embedded Flash for Stand-alone Playback of Audio
I2130YYIR NUVOTON-I2130YYIR Datasheet
1,019Kb / 28P
   Digital ChipCorder With Embedded Flash for Stand-alone Playback of Audio
More results

Similar Description - I212-2FC3-56.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I202 ILSI-I202 Datasheet
48Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
HCOF ILSI-HCOF Datasheet
57Kb / 2P
   Metal Package Full Size DIP and Half DIP, TTL / HC-MOS
I401 ILSI-I401 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Suntsu Electronics, Inc...
SVCHSC SUNTSU-SVCHSC Datasheet
381Kb / 3P
   Metal Half Size Dip CMOS VCXO
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
   Metal Full Size Dip CMOS VCXO
logo
Abracon Corporation
ACHL-25.000MHZ-EK ABRACON-ACHL-25.000MHZ-EK Datasheet
458Kb / 1P
   3.3Vdc ??HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
logo
Suntsu Electronics, Inc...
SXOHSC SUNTSU-SXOHSC Datasheet
373Kb / 3P
   Metal Half Size DIP CMOS Oscillator
logo
Abracon Corporation
AHT ABRACON-AHT Datasheet
660Kb / 2P
   TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com