Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I605-3DC3H-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I605-3DC3H-20.000
Description  5 mm x 7 mm Ceramic Package SMD VCXO, TTL / HC-MOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I605-3DC3H-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I605-3DC3H-20.000 Datasheet HTML 1Page - ILSI America LLC I605-3DC3H-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5 mm x 7 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I605 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/10_C
Specifications subject to change without notice
Page 1
Pin
Connection
1
Control Voltage
2
Enable / Disable
3
Ground
4
Output
5
N.C.
6
Vdd
5.08
4.2
2.0
Bypass =0.01 uF
7.0 0.3
5.0
0.2
Dimension Units: mm
Recommended Pad Layout
5.08
2.0 Max.
Product Features:
Applications:
Small Surface Mount Package
SD/HD Video
Based Output for many frequencies
Wireless Base Stations
CMOS/TTL Compatible Logic Levels
Sonet /SDH
Compatible with Leadfree Processing
VoIP
T1/E1, T3/E3
Frequency
1 MHz to 170.000 MHz
Output Level
HC-MOS
TTL
‘0’ = 0.1 Vcc Max., ‘1’ = 0.9 Vcc Min.
‘0’ = 0.4 VDC Max., ‘1’ = 2.4 VDC Min.
Duty Cycle
50% ±5%
Rise / Fall Time
10.0 nS Max.
Output Load
15pF, Fo < 50 MHz = 10 TTL, Fo > 50 MHz = 5 TTL
Frequency Stability
50 ppm Max.
Start-up Time
10 mS Max.
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Control Voltage
1.65 VDC ±1.5 VDC for 3.3 VDC, 2.5 VDC ±2.0 VDC for 5.0 VDC
Pull Range
See Pullability Table
Current
50 mA Max**
Linearity
10% Max.
Temperature
Operating
Storage
See Operating Temperature Table in Part Number Guide
-55C to +125C
Phase Jitter
<3 pS RMS
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise.
* Not available at all frequencies. ** Frequency, supply, and load related parameters.
Part Number Guide
Sample Part Number: I605-1BC3H-20.000
Package
Operating
Temperature
Stability
(in ppm)
Pullability
Supply
Voltage
Enable /
Disable
Frequency
I605 -
1 = 0
 C to +70 C
*D =
15
B =
50 PPM Min.
5 = 5.0 VDC
H = Enable
- 20.000 MHz
6 = -10
 C to +70 C
A =
25
C =
100 PPM Min.
3 = 3.3 VDC
3 = -20
 C to +70 C
B =
50
4 = -30
 C to +75 C
C =
100
2 = -40
 C to +85 C


Similar Part No. - I605-3DC3H-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I603 ILSI-I603 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB3H2-20.000 ILSI-I603-1AB3H2-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB3H5-20.000 ILSI-I603-1AB3H5-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB5H2-20.000 ILSI-I603-1AB5H2-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB5H5-20.000 ILSI-I603-1AB5H5-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
More results

Similar Description - I605-3DC3H-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
I603 ILSI-I603 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604 ILSI-I604 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
ISM92 ILSI-ISM92 Datasheet
113Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92-5151EH-20.000 ILSI-ISM92-5151EH-20.000 Datasheet
103Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
I617 ILSI-I617 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I607 ILSI-I607 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
ISM95 ILSI-ISM95 Datasheet
126Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM97 ILSI-ISM97 Datasheet
104Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
I630 ILSI-I630 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com