Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX373WM Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74LCX373WM
Description  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373WM Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74LCX373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 9Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 10Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 11Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 12Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 13Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 14Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
Physical Dimensions (Continued) inches (millimeters) unless otherwise noted
Pb-Free 20-Lead Small Outline Package (SOP),
EIAJ TYPE II, 5.3mm Wide Package Number M20D


Similar Part No. - 74LCX373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX373WM FAIRCHILD-74LCX373WM Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373WM ONSEMI-74LCX373WM Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
More results

Similar Description - 74LCX373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com